Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39212B8026P810 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39212B8026P810
Description  SAW Components SAW Duplexer for smallcells
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39212B8026P810 Datasheet(HTML) 5 Page - TDK Electronics

  B39212B8026P810 Datasheet HTML 1Page - TDK Electronics B39212B8026P810 Datasheet HTML 2Page - TDK Electronics B39212B8026P810 Datasheet HTML 3Page - TDK Electronics B39212B8026P810 Datasheet HTML 4Page - TDK Electronics B39212B8026P810 Datasheet HTML 5Page - TDK Electronics B39212B8026P810 Datasheet HTML 6Page - TDK Electronics B39212B8026P810 Datasheet HTML 7Page - TDK Electronics B39212B8026P810 Datasheet HTML 8Page - TDK Electronics B39212B8026P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
January 26, 2015
B8026
1732.50 / 2132.50 MHz
SAW Components
SAW Duplexer for smallcells
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 3.3 nH
RX teminating impedance:
ZRx =50 Ω
Maximum Ratings
Characteristics Tx-Rx
min.
typ.
@ 25 ˚C
max.
Attenuation
α
1710.0
... 1755.0
MHz
40
53
dB
2110.0
... 2155.0
MHz
45
53
dB
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
tbd1)
1) acc. to JESD22-A115B (machine model), +/-10 pulses.values to be verified by hardware test.
V
machine model, 10 pulses
Input power at pin 1
source and load impedance 50
2110.0 ... 2155.0 MHz Pin
tbd
dBm
LTE 5 MHz downlink
T = 55˚C, 50.000 h
elsewhere
Pin
tbd
dBm
Operating lifetime with Output
power at antenna
24Tbc2)
2) values to be confirm from High Temperature Operating Life (HTOL) test.
dBm
Continuous wave T = 55˚C,
100khrs
2110.0 ... 2155.0 MHz


Similar Part No. - B39212B8026P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39212B8092P810 TDK-B39212B8092P810 Datasheet
243Kb / 12P
   SAW Components SAW Duplexer for Smallcell
B39212B8094P810 TDK-B39212B8094P810 Datasheet
251Kb / 12P
   SAW Components SAW Duplexer for Femtocell
More results

Similar Description - B39212B8026P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B8013P810 TDK-B39881B8013P810 Datasheet
198Kb / 11P
   SAW Duplexer for smallcells
B39881B8009P810 TDK-B39881B8009P810 Datasheet
195Kb / 11P
   SAW Duplexer for smallcells
B39202B9619P810 TDK-B39202B9619P810 Datasheet
143Kb / 9P
   SAW Components SAW Filter for smallcells
B39202B9610P810 TDK-B39202B9610P810 Datasheet
163Kb / 8P
   SAW Components SAW Filter for smallcells
B39711B9616P810 TDK-B39711B9616P810 Datasheet
107Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39741B9620P810 TDK-B39741B9620P810 Datasheet
110Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39212B9615P810 TDK-B39212B9615P810 Datasheet
142Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39202B8310P810 TDK-B39202B8310P810 Datasheet
133Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39841B9613P810 TDK-B39841B9613P810 Datasheet
199Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39162B9621P810 TDK-B39162B9621P810 Datasheet
127Kb / 10P
   SAW Components SAW filter for smallcells and femtocells
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com