Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE20CA Datasheet(PDF) 1 Page - Comchip Technology

Part # P6KE20CA
Description  600w Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE20CA Datasheet(HTML) 1 Page - Comchip Technology

  P6KE20CA Datasheet HTML 1Page - Comchip Technology P6KE20CA Datasheet HTML 2Page - Comchip Technology P6KE20CA Datasheet HTML 3Page - Comchip Technology P6KE20CA Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P6KE Series
Features
- plastic package has underwriters laboratory
flammability classification 94v-0
- 600w surge capability at 1ms
- Excellent clamping capability
- Low zener impedance
- Fast response time:typically less than 1.0 ps
from 0 volts to bv min
- High temperature soldering guaranteed:260 ./10s
/.375.(9.5mm) lead length/5lbs., (2.3kg) tension
- T
Mechanical Data
- Case: Molded plastic
- Terminals: Axial leads solderable per MIL-STD-202,
Method 208
- Polarity :color band denoted cathode except
- Weight: 0.014 oz., 0.4 g
ypical TR less than 1µa above 10V
600w Transient Voltage Suppressor
600w Transient Voltage Suppressor
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312009A
Page 1
Maximum Ratings and Electrical Characteristics @ TA = 25
oC unless otherwise specified
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0 (25.4)
MIN
DO15
Didemsions in inches and (mm)
RATINGS
SYMBOL
VALUE
UNITS
PEAK POWER DISSIPATION AT TA=25 oC, TP=1ms(NOTE 1)
P PK
600
WATTS
STEADY STATE POWER DISSIPATION AT TL=75 oC
LEAD LENGTHS .375"(9.5mm) (NOTE 2)
PD
5.0
WATTS
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
(JEDEC METHOD) (NOTE 3)
IFSM
100
Amps
OPERATING AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 55 TO + 175
oC
NOTE
1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25 .PER FIG 2.
2. MOUNTED ON COPPER LEAT AREA OF 1.57 IN2 (40mm2)
3. 8.3ms SINGLE HALF SINE-WAVE, DUTY CYCLE=4 PULSES PER MINUTES MAXIMUM
4. FOR BIDIRECTIONAL USE C SUFFIX FOR 10% TOLERANCE, CA SUFFIX FOR 5% TOLERANCE


Similar Part No. - P6KE20CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE20CA PANJIT-P6KE20CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
HuaXinAn Electronics CO...
P6KE20CA HUAXINAN-P6KE20CA Datasheet
371Kb / 5P
   Transient Voltage Suppressors
logo
TAITRON Components Inco...
P6KE20CA TAITRON-P6KE20CA Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
UN Semiconducctor INC
P6KE20CA UNSEMI-P6KE20CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
P6KE20CA SOCAY-P6KE20CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE20CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com