Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX165950DT-8126A1 Datasheet(PDF) 4 Page - TDK Electronics

Part # DPX165950DT-8126A1
Description  Multilayer Diplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX165950DT-8126A1 Datasheet(HTML) 4 Page - TDK Electronics

  DPX165950DT-8126A1 Datasheet HTML 1Page - TDK Electronics DPX165950DT-8126A1 Datasheet HTML 2Page - TDK Electronics DPX165950DT-8126A1 Datasheet HTML 3Page - TDK Electronics DPX165950DT-8126A1 Datasheet HTML 4Page - TDK Electronics DPX165950DT-8126A1 Datasheet HTML 5Page - TDK Electronics DPX165950DT-8126A1 Datasheet HTML 6Page - TDK Electronics DPX165950DT-8126A1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150701 / rf_dpx_dpx165950dt-8126a1_en.fm
20150701 / rf_dpx_dpx165950dt-8126a1_en.fm
DPX165950DT-8126A1
FREQUENCY CHARACTERISTICS
LOW-BAND
Insertion Loss
Return Loss
Attenuation
HIGH-BAND
Insertion Loss
Return Loss
Attenuation
2.5
2.0
1.5
1.0
0.5
0.0
3.0
Frequency(MHz)
1500
2000
2500
3000
3500
20
10
0
50
40
30
Frequency(MHz)
1500
2000
2500
3000
3500
20
10
0
50
40
30
Frequency(MHz)
0
2000
6000
10000
4000
8000
12000
14000
Frequency(MHz)
3500
4000
4500
5000
5500
6500
7000
7500
6000
2.5
2.0
1.5
1.0
0.5
0.0
3.0
Frequency(MHz)
3500
4000
4500
5000
5500
6500
7000
7500
6000
20
10
0
50
40
30
20
10
0
50
40
30
Frequency(MHz)
0
2000
6000
10000
4000
8000
12000
14000
16000
18000


Similar Part No. - DPX165950DT-8126A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165950DT-8118A1 TDK-DPX165950DT-8118A1 Datasheet
83Kb / 7P
   Multilayer Diplexer
DPX165950DT-8130A1 TDK-DPX165950DT-8130A1 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX165950DT-8144A1 TDK-DPX165950DT-8144A1 Datasheet
78Kb / 7P
   Multilayer Diplexer
More results

Similar Description - DPX165950DT-8126A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
   Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
   Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
   Multilayer Diplexer
DPX201990DT-4151A2 TDK-DPX201990DT-4151A2 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX202500DT-9032A1 TDK-DPX202500DT-9032A1 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX202690DT-4049A2 TDK-DPX202690DT-4049A2 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX202750DT-4058A1 TDK-DPX202750DT-4058A1 Datasheet
76Kb / 7P
   Multilayer Diplexer
DPX205850DT-4032A1 TDK-DPX205850DT-4032A1 Datasheet
81Kb / 7P
   Multilayer Diplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com