Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX202750DT-4058A1 Datasheet(PDF) 3 Page - TDK Electronics

Part # DPX202750DT-4058A1
Description  Multilayer Diplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX202750DT-4058A1 Datasheet(HTML) 3 Page - TDK Electronics

  DPX202750DT-4058A1 Datasheet HTML 1Page - TDK Electronics DPX202750DT-4058A1 Datasheet HTML 2Page - TDK Electronics DPX202750DT-4058A1 Datasheet HTML 3Page - TDK Electronics DPX202750DT-4058A1 Datasheet HTML 4Page - TDK Electronics DPX202750DT-4058A1 Datasheet HTML 5Page - TDK Electronics DPX202750DT-4058A1 Datasheet HTML 6Page - TDK Electronics DPX202750DT-4058A1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20160121 / rf_dpx_dpx202750dt-4058a1_en.fm
20160121 / rf_dpx_dpx202750dt-4058a1_en.fm
DPX202750DT-4058A1
ELECTRICAL CHARACTERISTICS
LOW-BAND
・Ta: +25±5°C
HIGH-BAND
・Ta: +25±5°C
TEMPERATURE RANGE
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
650
to 960
0.36
0.48
Return Loss (dB)
650
to 960
18
25.9
Attenuation (dB)
1427.9 to 2750
11
15.4
Characteristic Impedance (
:)
50 (Nominal)
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
1427.9 to 2750
0.31
0.48
Return Loss (dB)
1427.9 to 2750
10
14.4
Attenuation (dB)
650
to 960
11
13.2
Characteristic Impedance (
:)
50 (Nominal)
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85


Similar Part No. - DPX202750DT-4058A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX202700DT-4035B5 TDK-DPX202700DT-4035B5 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX202700DT-4062A1 TDK-DPX202700DT-4062A1 Datasheet
77Kb / 7P
   Multilayer Diplexer
DPX202700DT-4162A1 TDK-DPX202700DT-4162A1 Datasheet
77Kb / 7P
   Multilayer Diplexer
More results

Similar Description - DPX202750DT-4058A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
   Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
   Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
   Multilayer Diplexer
DPX201990DT-4151A2 TDK-DPX201990DT-4151A2 Datasheet
78Kb / 7P
   Multilayer Diplexer
DPX202500DT-9032A1 TDK-DPX202500DT-9032A1 Datasheet
79Kb / 7P
   Multilayer Diplexer
DPX202690DT-4049A2 TDK-DPX202690DT-4049A2 Datasheet
80Kb / 7P
   Multilayer Diplexer
DPX205850DT-4032A1 TDK-DPX205850DT-4032A1 Datasheet
81Kb / 7P
   Multilayer Diplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com