Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK50W Datasheet(PDF) 1 Page - CUI INC

Part # VHK50W
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK50W Datasheet(HTML) 1 Page - CUI INC

  VHK50W_13 Datasheet HTML 1Page - CUI INC VHK50W_13 Datasheet HTML 2Page - CUI INC VHK50W_13 Datasheet HTML 3Page - CUI INC VHK50W_13 Datasheet HTML 4Page - CUI INC VHK50W_13 Datasheet HTML 5Page - CUI INC VHK50W_13 Datasheet HTML 6Page - CUI INC VHK50W_13 Datasheet HTML 7Page - CUI INC VHK50W_13 Datasheet HTML 8Page - CUI INC VHK50W_13 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date
12/17/2013
page
1 of 9
SERIES:
VHK50W │ DESCRIPTION: DC-DC CONVERTER
date
12/17/2013
page
1 of 9
FEATURES
• up to 50 W isolated output
• rugged metal enclosure with integrated heat sink
• 4:1 input range (9~36 Vdc, 18~75 Vdc)
• single output from 3.3~48 Vdc
• 1,500 Vdc isolation
• over current, over temperature, over voltage,
and short circuit protections
• remote on/off
• efficiency up to 83%
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VHK50W-Q24-S3R3
9 ~ 36
3.3
10
33
100
75
VHK50W-Q24-S5
9 ~ 36
5
10
50
100
79
VHK50W-Q24-S12
9 ~ 36
12
4.16
50
150
82
VHK50W-Q24-S15
9 ~ 36
15
3.33
50
150
82
VHK50W-Q24-S24
9 ~ 36
24
2.08
50
240
82
VHK50W-Q24-S28
9 ~ 36
28
1.78
50
280
82
VHK50W-Q24-S48
9 ~ 36
48
1.04
50
480
82
VHK50W-Q48-S3R3
18 ~ 75
3.3
10
33
100
76
VHK50W-Q48-S5
18 ~ 75
5
10
50
100
80
VHK50W-Q48-S12
18 ~ 75
12
4.16
50
150
83
VHK50W-Q48-S15
18 ~ 75
15
3.33
50
150
83
VHK50W-Q48-S24
18 ~ 75
24
2.08
50
240
83
VHK50W-Q48-S28
18 ~ 75
28
1.78
50
280
83
VHK50W-Q48-S48
18 ~ 75
48
1.04
50
480
83
Note:
1. Ripple and noise are measured at full load, 20 MHz BW with 10μF tantalum capacitor and 1μF ceramic capacitor across output. The 48 Vdc output models only require
the 1μF ceramic capacitor across the output.
VHK50W - QXX - SXXX
Input Voltage
Output Voltage
Base Number
Remote On/Off Control
"blank" = positive logic
N = negative logic
For more information, please visit the product page.


Similar Part No. - VHK50W_13

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK50W-DIN CUI-VHK50W-DIN Datasheet
596Kb / 9P
   DC-DC CONVERTER
VHK50W-DIN CUI-VHK50W-DIN Datasheet
1Mb / 9P
   DC-DC CONVERTER
08/31/2021
VHK50W-DIN CUI-VHK50W-DIN_V01 Datasheet
1Mb / 9P
   DC-DC CONVERTER
08/31/2021
VHK50W-Q24-S12 CUI-VHK50W-Q24-S12 Datasheet
958Kb / 11P
   chassis mount dc-dc converter
VHK50W-Q24-S12-DIN CUI-VHK50W-Q24-S12-DIN Datasheet
596Kb / 9P
   DC-DC CONVERTER
More results

Similar Description - VHK50W_13

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com