Electronic Components Datasheet Search |
|
VHK75W-Q24-S24 Datasheet(PDF) 2 Page - CUI INC |
|
VHK75W-Q24-S24 Datasheet(HTML) 2 Page - CUI INC |
2 / 9 page cui.com CUI Inc │ SERIES: VHK75W │ DESCRIPTION: DC-DC CONVERTER date 12/16/2013 │ page 2 of 9 INPUT parameter conditions/description min typ max units operating input voltage 24 Vdc input models 48 Vdc input models 9 18 24 48 36 75 Vdc Vdc under voltage shutdown 24 Vdc input power up power down 8.8 8 Vdc Vdc 48 Vdc input power up power down 17 16 Vdc Vdc CTRL1 positive logic models ON (open circuit) models OFF (0~0.8 Vdc) negative logic models ON (0~0.8 Vdc) models OFF (open circuit) filter pi filter input fuse 15A time delay fuse for 24 Vin models, 8A time delay fuse for 48 Vin models Note: 1. Open collector refer to -Vin OUTPUT parameter conditions/description min typ max units maximum capacitive load 3.3 and 5 V output models 12 V output models 15 V output models 24 V output models 48 V output models 15,000 6,250 5,000 3,120 1,560 μF μF μF μF μF line regulation2 measured from high line to low line ±0.2 % load regulation2 measured from full load to zero load ±0.2 % voltage accuracy ±1 % adjustability ±10 % switching frequency 300 kHz transient response 25% step load change 500 µs temperature coefficient ±0.03 %/°C Note: 2. A 47 μF aluminum capacitor is required on the output for 48 Vdc output models. PROTECTIONS parameter conditions/description min typ max units short circuit protection continuous over current protection % nominal output current 110 160 % over voltage protection 115 140 % over temperature protection shutdown restart threshold 100 70 °C °C SAFETY AND COMPLIANCE parameter conditions/description min typ max units isolation voltage for 1 minute: input to output; input to case; output to case 1,500 Vdc isolation resistance 10 MΩ RoHS 2011/65/EU (CE) ENVIRONMENTAL parameter conditions/description min typ max units operating temperature see derating curve -40 85 °C storage temperature -55 105 °C For more information, please visit the product page. |
Similar Part No. - VHK75W-Q24-S24 |
|
Similar Description - VHK75W-Q24-S24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |