Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFK600-D24-S24 Datasheet(PDF) 2 Page - CUI INC

Part # VFK600-D24-S24
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK600-D24-S24 Datasheet(HTML) 2 Page - CUI INC

  VFK600-D24-S24 Datasheet HTML 1Page - CUI INC VFK600-D24-S24 Datasheet HTML 2Page - CUI INC VFK600-D24-S24 Datasheet HTML 3Page - CUI INC VFK600-D24-S24 Datasheet HTML 4Page - CUI INC VFK600-D24-S24 Datasheet HTML 5Page - CUI INC VFK600-D24-S24 Datasheet HTML 6Page - CUI INC VFK600-D24-S24 Datasheet HTML 7Page - CUI INC VFK600-D24-S24 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
CUI Inc
│ SERIES: VFK600 │ DESCRIPTION: DC-DC CONVERTER
date 12/17/2013
│ page 2 of 8
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
18
36
24
48
36
75
Vdc
Vdc
input current
24 Vdc input models, Vin = 18 Vdc, full load
48 Vdc input models, Vin = 36 Vdc, full load
37.7
21.7
A
A
under voltage shutdown
24 Vdc input
power up
power down
16
15
17
16
18
17
Vdc
Vdc
48 Vdc input
power up
power down
34
32
35
33
36
34
Vdc
Vdc
over voltage shutdown
24 Vdc input
power up
power down
38
40
Vdc
Vdc
48 Vdc input
power up
power down
77
80
Vdc
Vdc
CTRL1
positive logic
models ON (3.5~7.5 Vdc or open circuit)
models OFF (0~0.7 Vdc)
input fuse
60 A time delay fuse for 24 Vin models,
30 A time delay fuse for 48 Vin models
filter
pi filter
Note:
1. Open collector refer to -Vin.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
12 V output models
24~48 V output models
470
470
10,000
5,000
μF
μF
line regulation
measured from low line to high line
±0.2
%
load regulation
measured from zero load to full load
±0.5
%
voltage accuracy
±1.5
%
load share accuracy
50~100% load
±10
%
adjustability
60
110
%
switching frequency
48 V input, 12/28/32 V output models
all other models
300
250
kHz
kHz
transient response
25% step load change
500
µs
temperature coefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous
over current protection
% nominal output current
110
150
%
over voltage protection
%Vo
115
140
%
over temperature protection
shutdown
110
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute: input to output; input to case;
output to case
1,500
Vdc
isolation resistance
10
MΩ
RoHS
2011/65/EU (CE)
For more information, please visit the product page.


Similar Part No. - VFK600-D24-S24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFK600-D24-S24 CUI-VFK600-D24-S24 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/13/2021
VFK600-D24-S24-DIN CUI-VFK600-D24-S24-DIN Datasheet
581Kb / 8P
   DC-DC CONVERTER
More results

Similar Description - VFK600-D24-S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com