Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFK400W-Q24-S24 Datasheet(PDF) 1 Page - CUI INC

Part # VFK400W-Q24-S24
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK400W-Q24-S24 Datasheet(HTML) 1 Page - CUI INC

  VFK400W-Q24-S24 Datasheet HTML 1Page - CUI INC VFK400W-Q24-S24 Datasheet HTML 2Page - CUI INC VFK400W-Q24-S24 Datasheet HTML 3Page - CUI INC VFK400W-Q24-S24 Datasheet HTML 4Page - CUI INC VFK400W-Q24-S24 Datasheet HTML 5Page - CUI INC VFK400W-Q24-S24 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date
01/03/2014
page
1 of 6
SERIES:
VFK400W │ DESCRIPTION: DC-DC CONVERTER
date
01/03/2014
page
1 of 6
FEATURES
• up to 400 W isolated output
• rugged metal enclosure with integrated heat sink
• 4:1 input range (10~36 Vdc, 18~75 Vdc)
• single output from 12~48 Vdc
• 1,500 Vdc isolation
• over current, over temperature, over voltage,
and short circuit protection
• remote on/off
• efficiency up to 87%
PART NUMBER KEY
VFK400W - QXX - SXX
Input Voltage
Output Voltage
Base Number
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
max
(%)
VFK400W-Q24-S12
10~36
12
33.3
400
200
87
VFK400W-Q24-S24
10~36
24
16.7
400
240
86
VFK400W-Q24-S48
10~36
48
8.3
398
480
86
VFK400W-Q48-S122
20~75
12
33.3
400
200
87
VFK400W-Q48-S24
18~75
24
16.7
400
240
86
VFK400W-Q48-S48
18~75
48
8.3
398
480
86.5
Note:
1. Ripple and noise are measured at full load, 20 MHz BW with 10μF tantalum capacitor and 1μF ceramic capacitor across the output. The 48 Vdc output models require a
22uF aluminum capacitor and a 1uF ceramic capacitor across the output.
2. An external input capacitor of 470uF is recommended to reduce input ripple voltage.
For more information, please visit the product page.


Similar Part No. - VFK400W-Q24-S24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFK400W-Q24-S24 CUI-VFK400W-Q24-S24 Datasheet
1Mb / 6P
   DC-DC CONVERTER
02/25/2022
VFK400W-Q24-S24-DIN CUI-VFK400W-Q24-S24-DIN Datasheet
867Kb / 6P
   DC-DC CONVERTER
VFK400W-Q24-S24-DIN CUI-VFK400W-Q24-S24-DIN Datasheet
1Mb / 6P
   DC-DC CONVERTER
09/13/2021
More results

Similar Description - VFK400W-Q24-S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com