Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK150W-Q48-S48 Datasheet(PDF) 5 Page - CUI INC

Part # VHK150W-Q48-S48
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK150W-Q48-S48 Datasheet(HTML) 5 Page - CUI INC

  VHK150W-Q48-S48 Datasheet HTML 1Page - CUI INC VHK150W-Q48-S48 Datasheet HTML 2Page - CUI INC VHK150W-Q48-S48 Datasheet HTML 3Page - CUI INC VHK150W-Q48-S48 Datasheet HTML 4Page - CUI INC VHK150W-Q48-S48 Datasheet HTML 5Page - CUI INC VHK150W-Q48-S48 Datasheet HTML 6Page - CUI INC VHK150W-Q48-S48 Datasheet HTML 7Page - CUI INC VHK150W-Q48-S48 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
cui.com
CUI Inc
│ SERIES: VHK150W │ DESCRIPTION: DC-DC CONVERTER
date 06/18/2015
│ page 5 of 8
DC/DC Converter
+Vo
-Vo
+Vin
C1
-Vin
C2
+Vo
-Vo
CASE
+Vin
-Vin
-S
+S
C4
C3
L1
L2
C6
C5
Figure 2
Recommended Circuit for EN55022 Class A
EMC RECOMMENDED CIRCUITS
Table 2
Class A Recommended Components
Model
C11
C21
C32
C42
C52
C62
L1
L2
VHK150W-Q24-S5
100 μF/50 V
100 μF/50 V
NC
NC
NC
NC
SHORT
0.5 mH
VHK150W-Q24-S12
100 μF/50 V
100 μF/50 V
NC
NC
NC
NC
SHORT
0.5 mH
VHK150W-Q24-S15
100 μF/50 V
100 μF/50 V
NC
NC
NC
NC
SHORT
0.5 mH
VHK150W-Q24-S24
100 μF/50 V
100 μF/50 V
680 pF
680 pF
470 pF
680 pF
SHORT
0.5 mH
VHK150W-Q24-S28
100 μF/50 V
100 μF/50 V
2200 pF
NC
680 pF
2200 pF
SHORT
0.6 mH
VHK150W-Q24-S48
100 μF/50 V
100 μF/50 V
1000 pF
NC
470 pF
1000 pF
SHORT
0.6 mH
VHK150W-Q48-S5
47 μF/100 V
47 μF/100 V
NC
NC
NC
NC
SHORT
0.5 mH
VHK150W-Q48-S12
47 μF/100 V
47 μF/100 V
NC
680 pF
NC
NC
SHORT
0.5 mH
VHK150W-Q48-S15
47 μF/100 V
47 μF/100 V
680 pF
1000 pF
NC
NC
SHORT
0.5 mH
VHK150W-Q48-S24
47 μF/100 V
47 μF/100 V
680 pF
680 pF
470 pF
680 pF
SHORT
0.5 mH
VHK150W-Q48-S28
47 μF/100 V
47 μF/100 V
2200 pF
NC
680 pF
2200 pF
SHORT
0.6 mH
VHK150W-Q48-S48
47 μF/100 V
47 μF/100 V
2200 pF
1500 pF
1500 pF
2200 pF
SHORT
0.5 mH
EN55022 CLASS A
Notes:
1. Aluminum capacitor
2. Ceramic capacitor
For more information, please visit the product page.


Similar Part No. - VHK150W-Q48-S48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK150W-Q48-S48 CUI-VHK150W-Q48-S48 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/07/2021
VHK150W-Q48-S48-DIN CUI-VHK150W-Q48-S48-DIN Datasheet
543Kb / 8P
   DC-DC CONVERTER
VHK150W-Q48-S48-DIN CUI-VHK150W-Q48-S48-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/07/2021
More results

Similar Description - VHK150W-Q48-S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com