Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK50W-Q48-S24-DIN Datasheet(PDF) 7 Page - CUI INC

Part # VHK50W-Q48-S24-DIN
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK50W-Q48-S24-DIN Datasheet(HTML) 7 Page - CUI INC

  VHK50W-Q48-S24-DIN Datasheet HTML 1Page - CUI INC VHK50W-Q48-S24-DIN Datasheet HTML 2Page - CUI INC VHK50W-Q48-S24-DIN Datasheet HTML 3Page - CUI INC VHK50W-Q48-S24-DIN Datasheet HTML 4Page - CUI INC VHK50W-Q48-S24-DIN Datasheet HTML 5Page - CUI INC VHK50W-Q48-S24-DIN Datasheet HTML 6Page - CUI INC VHK50W-Q48-S24-DIN Datasheet HTML 7Page - CUI INC VHK50W-Q48-S24-DIN Datasheet HTML 8Page - CUI INC VHK50W-Q48-S24-DIN Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
cui.com
CUI Inc
│ SERIES: VHK50W-DIN │ DESCRIPTION: DC-DC CONVERTER
date 06/16/2014
│ page 7 of 9
EMC RECOMMENDED CIRCUITS (CONTINUED)
Table 3
Class B Recommended Components
Model
C12
C22
C32
C41
C51
C61
L1
L2
Co min.
VHK50W-Q24-S3R3
100 μF/50 V
100 μF/50 V
100 μF/50 V
3300 pF/2 kV
NC
NC
0.65 mH
1.5 μH
NC
VHK50W-Q24-S5
100 μF/50 V
100 μF/50 V
100 μF/50 V
2200 pF/2 kV
NC
NC
0.65 mH
1.5 μH
NC
VHK50W-Q24-S12
100 μF/50 V
100 μF/50 V
100 μF/50 V
3300 pF/2 kV
NC
NC
0.65 mH
1.5 μH
NC
VHK50W-Q24-S15
100 μF/50 V
100 μF/50 V
100 μF/50 V
2200 pF/2 kV
NC
NC
0.65 mH
1.5 μH
NC
VHK50W-Q24-S24
10 μF/50 V1
100 μF/50 V
100 μF/50 V
2200 pF/2 kV
3300 pF/2 kV
1000 pF/2 kV
1.5 mH
3.4 μH
NC
VHK50W-Q24-S28
100 μF/50 V
100 μF/50 V
NC
NC
1000 pF/2 kV
NC
0.12 mH
0.34 mH
NC
VHK50W-Q24-S48
10 μF/50 V1
100 μF/50 V
100 μF/50 V
4700 pF/2 kV
2200 pF/2 kV
1000 pF/2 kV
1.5 mH
3.4 μH
47 μF
VHK50W-Q48-S3R3
47 μF/100 V
47 μF/100 V
47 μF/100 V
3300 pF/2 kV
3300 pF/2 kV
1000 pF/2 kV
1.5 mH
3.4 μH
NC
VHK50W-Q48-S5
47 μF/100 V
47 μF/100 V
47 μF/100 V
3300 pF/2 kV
3300 pF/2 kV
1000 pF/2 kV
1.5 mH
3.4 μH
NC
VHK50W-Q48-S12
47 μF/100 V
47 μF/100 V
47 μF/100 V
3300 pF/2 kV
3300 pF/2 kV
1000 pF/2 kV
1.5 mH
3.4 μH
NC
VHK50W-Q48-S15
47 μF/100 V
47 μF/100 V
47 μF/100 V
3300 pF/2 kV
3300 pF/2 kV
1000 pF/2 kV
1.5 mH
3.4 μH
NC
VHK50W-Q48-S24
47 μF/100 V
47 μF/100 V
47 μF/100 V
3300 pF/2 kV
3300 pF/2 kV
1000 pF/2 kV
1.5 mH
3.4 μH
NC
VHK50W-Q48-S28
100 μF/100 V
100 μF/100 V
NC
NC
1000 pF/2 kV
NC
0.12 mH
0.34 mH
NC
VHK50W-Q48-S48
47 μF/100 V
47 μF/100 V
47 μF/100 V
4700 pF/2 kV
2200 pF/2 kV
1000 pF/2 kV
1.5 mH
3.4 μH
47 μF
Note:
1. Ceramic capacitors
2. Aluminum capacitors
EN55022 CLASS B
For more information, please visit the product page.


Similar Part No. - VHK50W-Q48-S24-DIN

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK50W-Q48-S24-DIN CUI-VHK50W-Q48-S24-DIN Datasheet
1Mb / 9P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - VHK50W-Q48-S24-DIN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com