Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010VS-23NME_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1010VS-23NME_
Description  High Frequency, High Current Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1010VS-23NME_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  1010VS-23NME_ Datasheet HTML 1Page - Coilcraft lnc. 1010VS-23NME_ Datasheet HTML 2Page - Coilcraft lnc. 1010VS-23NME_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
HighFrequency,HighCurrentPowerInductors
Document 893 -1
Document 893-1 Revised 03/04/16
Inductance2
Q test
DCR
Irms (A)5
±20%
Q3
freq
SRF typ4
(mOhm)
20°C
40°C
Weight
Part number1
(nH)
typ
(MHz)
(MHz)
typ
max
rise
rise
(g)
1010VS-23NME_
23.5
95
100
923
1.05
1.20
18.0
26.0
0.49
1010VS-46NME_
46.5
150
100
526
1.50
1.62
17.9
25.5
0.65
1010VS-79NME_
79.0
135
50
386
1.95
2.11
17.8
25.0
0.82
1010VS-111ME_
111
150
50
382
2.53
2.73
15.7
22.0
0.98
1010VS-141ME_
146
140
50
433
3.08
3.33
14.1
19.3
1.23
1212VS-22NME_
22.0
200
100
918
0.48
0.55
40.5
57.0
2.20
1212VS-42NME_
42.0
195
50
557
0.70
0.77
38.0
52.0
2.70
1212VS-66NME_
66.0
200
50
480
0.90
0.99
35.0
48.0
3.20
1212VS-90NME_
90.0
175
50
444
1.10
1.21
33.0
45.0
3.70
1212VS-111ME_
117
165
50
399
1.30
1.43
32.0
44.0
4.20
2014VS-33NME_
33
230
100
620
0.63
0.74
32.5
43.0
1.60
2014VS-66NME_
66
200
50
413
0.90
1.00
31.5
42.5
2.30
2014VS-111ME_
108
210
50
320
1.20
1.34
31.0
42.0
3.10
2014VS-151ME_
155
205
50
296
1.44
1.60
29.4
39.7
3.60
2014VS-201ME_
202
200
50
262
1.70
1.82
26.3
35.8
4.40
2014VS-251ME_
257
200
50
230
1.94
2.15
24.9
34.5
5.00
1. When ordering, please specify
packaging code:
2014VS-251MEC
Packaging: C = 7
″ machine-ready reel (Standard for 1010VS.)
EIA-481 embossed plastic tape.
D = 13
″ machine-ready reel (Standard for 1212VS and
2014VS; optional, factory order only, not stocked for
1010VS.) EIA-481 embossed plastic tape.
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C for 1010VS; D for 1212VS and 2014VS
instead.
• Excellent Q factors – up to 230 at 400 MHz!
• Current handling as high as 57 Amps
• Inductance values from 22 to 257 nH
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver over copper
Ambient temperature –40°C to +125°C with
Irms current
Maximum part temperature +155°C (ambient + temp rise).
Storage temperature Component: –40°C to +155°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Mean Time Between Failures (MTBF) 1 billion hours
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
2. Inductance measured at 1.0 MHz, 0.1 Vrms, 0 A using an Agilent/HP
HP4291A impedance analyzer with an Agilent/HP 16193A test fixture or
equivalents.
3. Q measured at the specified frequency using an Agilent/HP 4291A
impedance analyzer or equivalent.
4. SRF measured using an Agilent/HP 8753 network analyzer or equivalent
and a Coilcraft CCF1199 test fixture
5. Current that causes the specified temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - 1010VS-23NME_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1010VS-23NMEB COILCRAFT-1010VS-23NMEB Datasheet
308Kb / 4P
   High Frequency, High Current Power Inductors
1010VS-23NMEC COILCRAFT-1010VS-23NMEC Datasheet
308Kb / 4P
   High Frequency, High Current Power Inductors
1010VS-23NME_ COILCRAFT-1010VS-23NME_ Datasheet
329Kb / 3P
   High Frequency, High Current Power Inductors
1010VS-23NME_ COILCRAFT-1010VS-23NME_ Datasheet
329Kb / 3P
   High Frequency, High Current Power Inductors
More results

Similar Description - 1010VS-23NME_

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP1308R1-R11-R COOPER-FP1308R1-R11-R Datasheet
476Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP1007R1-R12-R COOPER-FP1007R1-R12-R Datasheet
491Kb / 4P
   High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
   High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
   High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
   High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
   High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
   High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
   High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
   High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
   High frequency, high current power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com