Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2014VS-33NME_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 2014VS-33NME_
Description  High Frequency, High Current Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

2014VS-33NME_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  2014VS-33NME_ Datasheet HTML 1Page - Coilcraft lnc. 2014VS-33NME_ Datasheet HTML 2Page - Coilcraft lnc. 2014VS-33NME_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
High Frequency, High Current Power Inductors–1010VS, 1212VS, 2014VS
Document 893-2
Document 893-2 Revised 03/04/16
L vs Frequency
Q vs Frequency
146 nH
111 nH
79 nH
46.5 nH
23.5 nH
0
25
50
75
100
125
150
175
200
225
300
250
110
1000
100
Frequency (MHz)
561RAU
22 nH
42 nH
66 nH
90 nH
117 nH
615RAU
0
25
50
75
100
125
150
175
200
225
300
250
110
1000
100
Frequency (MHz)
202 nH
155 nH
108 nH
66 nH
33 nH
0
25
50
75
100
125
150
175
200
225
300
250
110
1000
100
Frequency (MHz)
643RAU
257 nH
10
100
1000
110
1000
100
Frequency (MHz)
146 nH
111 nH
79 nH
46.5 nH
23.5 nH
561RAU
10
100
1000
110
1000
100
Frequency (MHz)
117 nH
90 nH
66 nH
42 nH
22 nH
615RAU
10
100
1000
110
1000
100
Frequency (MHz)
643RAU
155 nH
202 nH
108 nH
66 nH
33 nH
257 nH
1010VS
1010VS
1212VS
1212VS
2014VS
2014VS


Similar Part No. - 2014VS-33NME_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
2014VS-33NMEB COILCRAFT-2014VS-33NMEB Datasheet
308Kb / 4P
   High Frequency, High Current Power Inductors
2014VS-33NMED COILCRAFT-2014VS-33NMED Datasheet
308Kb / 4P
   High Frequency, High Current Power Inductors
2014VS-33NME_ COILCRAFT-2014VS-33NME_ Datasheet
329Kb / 3P
   High Frequency, High Current Power Inductors
2014VS-33NME_ COILCRAFT-2014VS-33NME_ Datasheet
329Kb / 3P
   High Frequency, High Current Power Inductors
More results

Similar Description - 2014VS-33NME_

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP1308R1-R11-R COOPER-FP1308R1-R11-R Datasheet
476Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP1007R1-R12-R COOPER-FP1007R1-R12-R Datasheet
491Kb / 4P
   High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
   High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
   High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
   High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
   High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
   High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
   High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
   High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
   High frequency, high current power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com