Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPL2010-103ML_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # EPL2010-103ML_
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL2010-103ML_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  EPL2010-103ML_ Datasheet HTML 1Page - Coilcraft lnc. EPL2010-103ML_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors – EPL2010
Document 584-1
Document 584-1 Revised 09/08/15
1. When ordering, please specify
termination and packaging codes:
EPL2010-103MLC
Termination: L = RoHS compliant tin-silver-copper over tin over nickel
Special order, added cost:
S = non-RoHS tin-lead
(63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
Inductance2
DCR (Ohms)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
nom
max
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
EPL2010-181ML_
0.18
0.024
0.029
615
1.3
2.2
2.9
2.37
3.17
EPL2010-271ML_
0.27
0.032
0.038
412
1.2
2.1
2.6
1.76
2.31
EPL2010-301ML_ This part number has been changed to EPL2010-271. The EPL2010-301 is not available
EPL2010-421ML_
0.42
0.040
0.048
283
1.0
1.6
2.2
1.66
2.16
EPL2010-471ML_ This part number has been changed to EPL2010-421. The EPL2010-471 is not available
EPL2010-681ML_
0.68
0.058
0.070
214
0.80
1.3
2.0
1.48
1.94
EPL2010-821ML_
0.82
0.068
0.082
173
0.70
1.2
1.6
1.28
1.68
EPL2010-102ML_
1.0
0.099
0.119
145
0.65
1.0
1.35
1.04
1.36
EPL2010-152ML_
1.5
0.141
0.155
102
0.60
0.95
1.30
0.799
1.04
EPL2010-222ML_
2.2
0.202
0.222
80
0.43
0.78
1.05
0.751
0.978
EPL2010-332ML_
3.3
0.272
0.299
63
0.35
0.63
0.85
0.671
0.879
EPL2010-472ML_
4.7
0.429
0.472
50
0.30
0.47
0.65
0.527
0.680
EPL2010-682ML_
6.8
0.512
0.563
46
0.24
0.43
0.57
0.440
0.575
EPL2010-822ML_
8.2
0.827
0.910
42
0.22
0.40
0.53
0.415
0.520
EPL2010-103ML_
10
0.914
1.00
33
0.20
0.35
0.47
0.392
0.495
EPL2010-123ML_
12
0.939
1.12
32
0.15
0.26
0.35
0.380
0.480
Designer’s Kit C412 contains 5 each of all values
Core material Ferrite
Environmental RoHS compliant, halogen free
Core and winding loss See www.coilcraft.com/coreloss
Terminations Since August, 2008: RoHS compliant tin-silver-copper
(96.5/3/0.5) over tin over nickel over silver-platinum. Prior to August,
2008: RoHS compliant tin-silver-copper over gold over nickel over
silver-platinum.
Weight 13 – 18 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.28 mm thick, 4 mm pocket spacing, 1.3 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Smallest shielded power inductors; 2.0 × 2.0 × 1 mm high
• Extremely low DCR and very high SRF ratings
Isat ratings as high as 2.9 A
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A network analyzer or equivalent.
5. DC current at 25°C that causes the specified inductance drop from its
value without current. Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - EPL2010-103ML_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL2010-103MLB COILCRAFT-EPL2010-103MLB Datasheet
265Kb / 2P
   Shielded Power Inductors ??EPL2010
EPL2010-103MLC COILCRAFT-EPL2010-103MLC Datasheet
265Kb / 2P
   Shielded Power Inductors ??EPL2010
EPL2010-103MLD COILCRAFT-EPL2010-103MLD Datasheet
265Kb / 2P
   Shielded Power Inductors ??EPL2010
More results

Similar Description - EPL2010-103ML_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com