Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPD6235-104MR_ Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # LPD6235-104MR_
Description  Coupled Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPD6235-104MR_ Datasheet(HTML) 3 Page - Coilcraft lnc.

  LPD6235-104MR_ Datasheet HTML 1Page - Coilcraft lnc. LPD6235-104MR_ Datasheet HTML 2Page - Coilcraft lnc. LPD6235-104MR_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Coupled Inductors – LPD6235 Series
Document 833-3
Document 833-3 Revised 11/09/15
L vs Current
L vs Frequency
1
10
100
1000
10000
0.1
1
100
10
Frequency (MHz)
1000 µH
1500 µH
2000 µH
6.8 µH
47 µH
100 µH
470 µH
22 µH
10 µH
1000 µH
6.8 µH
47 µH
22 µH
10 µH
2000 µH
1500 µH
470 µH
100 µH
1
10
100
1000
10000
0.01
0.1
10
1
Current (A)


Similar Part No. - LPD6235-104MR_

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LPD62340-A-PF LIGITEK-LPD62340-A-PF Datasheet
145Kb / 4P
   PHOTO DIODE SILICON PIN LED LAMPS
LPD62343-A-PF LIGITEK-LPD62343-A-PF Datasheet
165Kb / 4P
   PHOTO DIODE SILICON PIN LED LAMPS
More results

Similar Description - LPD6235-104MR_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
LPD5030 COILCRAFT-LPD5030 Datasheet
275Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com