Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC436 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC436
Description  200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC436 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC436 Datasheet HTML 1Page - National Semiconductor (TI) CLC436 Datasheet HTML 2Page - National Semiconductor (TI) CLC436 Datasheet HTML 3Page - National Semiconductor (TI) CLC436 Datasheet HTML 4Page - National Semiconductor (TI) CLC436 Datasheet HTML 5Page - National Semiconductor (TI) CLC436 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CLC436 Typical Performance Characteristics (Vcc = ±15V, Av = +2, R
f = 499W, RL = 1kW; unless specified)
CLC436 OPERATION
Description
The CLC436 is a unity gain stable voltage feedback
amplifier. The voltage feedback topology allows for
capacitors and nonlinear devices in the feedback path.
The matched input bias currents track well over
temperature. This allows the DC offset to be minimized
by matching the impedance seen by both inputs.
The low cost, low power, conventional topology, and
high output current make the CLC436 an excellent
choice for applications such as:
Low Power Cable Drivers
Active Filters
Buffers
NTSC and PAL Video Systems
Gain
The non-inverting and inverting gain equations for the
CLC436 are as follows:
Non-inverting Gain:
Inverting Gain:
Where Rf is the feedback resistor and Rg is the gain
setting resistor.
Figure 1 shows the general non-
inverting gain configuration including the recommended
bypass capacitors.
Figure 1: Recommended Non-Inverting Gain Circuit
Output Drive Performance
The CLC436 can source over 120mA of output current.
It can easily drive 9Vpp into a 50Ω load. The circuit
shown in Figure 1 demonstrates the output current
capability of the CLC436.
The circuit values listed
below, a 3Vpp input signal and ±15V supplies, were
used to obtain the result shown in Figure 2.
Rf = 499Ω
RL = 50Ω
Rg = 249.5Ω
Rin = 50Ω
Figure 2: Large Signal Pulse Response into 50
W
The high output drive capability of the CLC436 is
suitable for driving capacitive loads. When driving a
capacitive load or coaxial cable, include a series
resistance Rs to improve stability. Refer to the Rs vs
Capacitive Load plot in the typical performance
section to determine the recommended resistance for
various capacitive loads.
Single Supply Operation
The CLC436 can be operated from a single supply
using the topology shown in Figure 3. R1 and R2 form
a voltage divider that sets the non-inverting input
DC voltage. The coupling capacitor C1 isolates the
DC bias point from the previous stage. The DC gain
of this circuit is 1 and the high frequency gain is set by
Rf and Rg.
Power Derating Curves
Ambient Temperature (
°C)
20
60
100
0
40
80
120
0
0.2
0.4
0.6
0.8
1.0
140 160
180
AJP
AJE
IBI, IOS, VIO vs. Temperature
Temperature (
°C)
0
-40
20
80
VIO
0
0.5
0.2
1.0
0.4
1.5
0.6
2.0
0.8
2.5
1.0
3.0
1.2
-20
0
40
60
IBI
IOS
IBI & IOS vs. Common Mode Input Voltage
Common Mode Input Voltage
80
-10
-5
0
5
10
0
100
0.5
120
1.0
140
1.5
160
2.0
180
2.5
IBI
IOS
+
-
CLC436
Rf
0.1
µF
6.8
µF
Vo
Vin
+Vcc
0.1
µF
6.8
µF
-Vcc
RL
Rg
Rin
gp
Time (100ns/div)
-5
-100
-4
-80
-3
-60
-2
-40
-1
-20
0
0
1
20
2
40
3
60
4
80
5
100
Vin = 3Vpp
Vout = 9Vpp
1
R
R
f
g
+
R
R
f
g
http://www.national.com
4


Similar Part No. - CLC436

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC430 NSC-CLC430 Datasheet
1Mb / 8P
   General Purpose 100MHz Op Amp with Disable
CLC430A8B NSC-CLC430A8B Datasheet
1Mb / 8P
   General Purpose 100MHz Op Amp with Disable
CLC430AJE NSC-CLC430AJE Datasheet
1Mb / 8P
   General Purpose 100MHz Op Amp with Disable
CLC430AJP NSC-CLC430AJP Datasheet
1Mb / 8P
   General Purpose 100MHz Op Amp with Disable
CLC431 NSC-CLC431 Datasheet
863Kb / 8P
   Dual Wideband Monolithic Op Amp with Disable
More results

Similar Description - CLC436

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
logo
Micrel Semiconductor
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
   200MHz Low-Power SOT23-5 Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
logo
Micrel Semiconductor
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
   200MHz Low-Power SOT-23-5 Op Amp
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com