Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SER1052-222ML_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER1052-222ML_
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER1052-222ML_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER1052-222ML_ Datasheet HTML 1Page - Coilcraft lnc. SER1052-222ML_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors – SER1052
Inductance DCR
SRF
Isat (A)5
Irms(A)6
±20%2
max3
typ4
10%
20%
30% 20°C 40°C
Part number1
(µH)
(mOhm) (MHz)
drop drop drop rise
rise
SER1052-801ML_
0.80
4.0
100
24.9 25.2 25.6
12.5 16.3
SER1052-102ML_
1.0
4.0
95
16.5 17.0 17.5
12.5 16.3
SER1052-122ML_
1.2
6.0
91
20.5 21.0 21.3
11.0 15.0
SER1052-132ML_
1.3
4.0
81
12.9 16.8 17.2
12.5 16.3
SER1052-152ML_
1.5
4.0
75
13.5 14.0 14.5
11.0 15.0
SER1052-182ML_
1.8
6.0
70
13.3 13.8 14.3
11.0 15.0
SER1052-202ML_
2.0
9.0
65
15.3 15.8 16.2
8.5 11.5
SER1052-222ML_
2.2
4.0
58
8.9
9.6 10.0
12.5 16.3
SER1052-252ML_
2.5
7.5
55
11.4 11.8 12.1
9.0 12.0
SER1052-322ML_
3.2
6.0
53
7.3
7.8
8.5
11.0 15.0
SER1052-402ML_
4.0
9.0
47
8.3
8.5
8.8
8.5 11.5
SER1052-432ML_
4.3
7.5
44
6.4
6.8
7.0
9.0 12.0
SER1052-572ML_
5.7
9.0
35
5.4
5.8
6.0
8.5 11.5
Document 535-1 Revised 09/09/15
Document 535 -1
1. Please specify
termination and packaging codes:
SER1052-572MLD
Termination: L = RoHS compliant tin-silver over copper
(pins 1 and 2); matte tin over nickel over
phos bronze (pin 3).
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 em-
bossed plastic tape (200 parts per full
reel).
B = Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added ($25
charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 em-
bossed plastic tape. Factory order only,
not stocked (700 parts per full reel)
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an
Agilent/HP 4284A or equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A network
analyzer and an Agilent/HP 16193A test fixture.
5. DC current at 25°C that causes the specified inductance
drop from its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature rise from
25°C ambient. This information is for reference only and
does not represent absolute maximum ratings.
Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
Designer’s Kit C421 contains 3 of each value
Core and winding loss See www.coilcraft.com/coreloss
Core material Ferrite
Terminations RoHS compliant tin-silver over tin over nickel over phos
bronze (pins 1 and 2); matte tin over nickel over phos bronze (pin 3).
Other terminations available at additional cost.
Weight 1.6 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 200/7
″ reel; 700/13″ reel Plastic tape: 24 mm wide,
0.4 mm thick, 16 mm pocket spacing, 5.45 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• High current, low DCR shielded power inductors
• 10.2 × 11 mm base; only 5.2 mm tall


Similar Part No. - SER1052-222ML_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER1052-222ML_ COILCRAFT-SER1052-222ML_ Datasheet
407Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SER1052-222ML_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com