Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFL4012-251ME_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # XFL4012-251ME_
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XFL4012-251ME_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  XFL4012-251ME_ Datasheet HTML 1Page - Coilcraft lnc. XFL4012-251ME_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded Power Inductors – XFL4012
Document 935-2
Document 935-2 Revised 09/01/15
L vs Frequency
L vs Current
0.12 µH
0.25 µH
0.47 µH
0.60 µH
0.01
0.1
1
10
0.1
1
100
10
Frequency (MHz)
Dimensions are in
inches
mm
0.157 ±0.012
4,0 ±0,3
0.157 ±0.012
4,0 ±0,3
0.047
1,20
Recommended
Land Pattern
Dash
number
max
0.128 ±0.008
3,26 ±0,20
0.032 ±0.002
0,82 ±0,05
0.062 ±0.010
1,57 ±0,25
0.038
0,98
0.093
2,37
0.134
3,4
0
0.06
0.03
0.12
0.15
0.09
0.18
Current (A)
0.12 µH
02
13
46
78
91011121314
5
0
0.2
0.1
0.3
0.4
Current (A)
01
23
47
68
910
5
0.25 µH
0
5
4
3
2
1
6
7
8
Current (A)
0.47 µH
02
13
46
78
5
0
6
4
2
8
10
Current (A)
0.6 µH
02
13
46
78
5


Similar Part No. - XFL4012-251ME_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL4012-251ME COILCRAFT-XFL4012-251ME Datasheet
186Kb / 2P
   Shielded Power Inductors
More results

Similar Description - XFL4012-251ME_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com