Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39262B5179U410 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39262B5179U410
Description  SAW Components SAW RF filter for base stations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39262B5179U410 Datasheet(HTML) 2 Page - TDK Electronics

  B39262B5179U410 Datasheet HTML 1Page - TDK Electronics B39262B5179U410 Datasheet HTML 2Page - TDK Electronics B39262B5179U410 Datasheet HTML 3Page - TDK Electronics B39262B5179U410 Datasheet HTML 4Page - TDK Electronics B39262B5179U410 Datasheet HTML 5Page - TDK Electronics B39262B5179U410 Datasheet HTML 6Page - TDK Electronics B39262B5179U410 Datasheet HTML 7Page - TDK Electronics B39262B5179U410 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
July 23, 2013
B5179
2593.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Preliminary data
Revision History: Changes compared to previous iteration issue
ISSUE
ORIGINATOR DETAILED SEPECIFICATION CHANGES
DATE
DGAA52A01 T. Gaertner
initial release
Jun 18, 2012
DGAA52A02 T. Gaertner
selectivity in lower stop band improved, insertion
loss relaxed, selectivity in upper stop band relaxed
Jul 05, 2012
AA52A_v1.0
T. Gaertner
pass band parameters relaxed, specification at
room temperature included, matching proposal
Sep 13, 2012
AA52B_v1.0
T. Gaertner
pass band parameters improved, specification at
room temperature removed
Dec 04, 2012
AA52B_v1.1
T. Gaertner
power durability updated, phase max. specified
Mar 18, 2013
B5179_v1.0
T. Gaertner
filter type B5179, several additional stop band
specifications
May 29, 2013
B5179_v1.1
T. Gaertner
temperature range for specification: –40 ˚C
to +100 ˚C, power durability updated
Jun 23, 2013


Similar Part No. - B39262B5179U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39262B5175U410 TDK-B39262B5175U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
More results

Similar Description - B39262B5179U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39142B5128U410 TDK-B39142B5128U410 Datasheet
142Kb / 8P
   SAW Components SAW RF filter for base stations
B39821B3836U410 TDK-B39821B3836U410 Datasheet
108Kb / 8P
   SAW Components SAW RF filter for base stations
B39721B5309U410 TDK-B39721B5309U410 Datasheet
134Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5303U410 TDK-B39262B5303U410 Datasheet
208Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5304U410 TDK-B39262B5304U410 Datasheet
149Kb / 8P
   SAW Components SAW RF filter for base stations
B39242B5302U410 TDK-B39242B5302U410 Datasheet
212Kb / 10P
   SAW Components SAW RF filter for base stations
B39262B5164U410 TDK-B39262B5164U410 Datasheet
151Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5175U410 TDK-B39262B5175U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39152B5163U410 TDK-B39152B5163U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39781B5199U410 TDK-B39781B5199U410 Datasheet
144Kb / 9P
   SAW Components SAW RF filter for base stations
B39711B5107U410 TDK-B39711B5107U410 Datasheet
152Kb / 9P
   SAW Components SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com