Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H560438B-TLA0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4H560438B-TLA0
Description  128Mb DDR SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H560438B-TLA0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4H560438B-TLA0 Datasheet HTML 5Page - Samsung semiconductor K4H560438B-TLA0 Datasheet HTML 6Page - Samsung semiconductor K4H560438B-TLA0 Datasheet HTML 7Page - Samsung semiconductor K4H560438B-TLA0 Datasheet HTML 8Page - Samsung semiconductor K4H560438B-TLA0 Datasheet HTML 9Page - Samsung semiconductor K4H560438B-TLA0 Datasheet HTML 10Page - Samsung semiconductor K4H560438B-TLA0 Datasheet HTML 11Page - Samsung semiconductor K4H560438B-TLA0 Datasheet HTML 12Page - Samsung semiconductor K4H560438B-TLA0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
- 9 -
REV. 1.0 November. 2. 2000
128Mb DDR SDRAM
Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Four banks operation
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• MRS cycle with address key programs
-. Read latency 2, 2.5 (clock)
-. Burst length (2, 4, 8)
-. Burst type (sequential & interleave)
• All inputs except data & DM are sampled at the positive going edge of the system clock(CK)
• Data I/O transactions on both edges of data strobe
• Edge aligned data output, center aligned data input
• LDM,UDM/DM for write masking only
• Auto & Self refresh
• 15.6us refresh interval(4K/64ms refresh)
• Maximum burst refresh cycle : 8
• 66pin TSOP II package
1. Key Features
1.1 Features
1.2 Operating Frequencies
*CL : Cas Latency
Table 1. Operating frequency and DLL jitter
- A2(DDR266A)
- B0(DDR266B)
- A0(DDR200)
Speed @CL2
133MHz@CL2
100MHz
100MHz
Speed @CL2.5
-
133MHz
-
DLL jitter
±0.75ns
±0.75ns
±0.8ns


Similar Part No. - K4H560438B-TLA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438D-GC SAMSUNG-K4H560438D-GC Datasheet
291Kb / 26P
   DDR 256Mb
K4H560438D-GCA2 SAMSUNG-K4H560438D-GCA2 Datasheet
291Kb / 26P
   DDR 256Mb
K4H560438D-GCB0 SAMSUNG-K4H560438D-GCB0 Datasheet
291Kb / 26P
   DDR 256Mb
K4H560438D-GCB3 SAMSUNG-K4H560438D-GCB3 Datasheet
291Kb / 26P
   DDR 256Mb
K4H560438D-GLA2 SAMSUNG-K4H560438D-GLA2 Datasheet
291Kb / 26P
   DDR 256Mb
More results

Similar Description - K4H560438B-TLA0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
HY5DU28422DT HYNIX-HY5DU28422DT Datasheet
409Kb / 33P
   128Mb-S DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com