Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39262B9491P810 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39262B9491P810
Description  SAW Components SAW Rx filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39262B9491P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39262B9491P810 Datasheet HTML 1Page - TDK Electronics B39262B9491P810 Datasheet HTML 2Page - TDK Electronics B39262B9491P810 Datasheet HTML 3Page - TDK Electronics B39262B9491P810 Datasheet HTML 4Page - TDK Electronics B39262B9491P810 Datasheet HTML 5Page - TDK Electronics B39262B9491P810 Datasheet HTML 6Page - TDK Electronics B39262B9491P810 Datasheet HTML 7Page - TDK Electronics B39262B9491P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
December 05, 2011
B9491
2595.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx Filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
50 1)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input Power at
2570.0 ... 2620.0 MHz
PIN
8
dBm
effective power in the on-state
duty cycle 4:8


Similar Part No. - B39262B9491P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
More results

Similar Description - B39262B9491P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B4328P810 TDK-B39182B4328P810 Datasheet
97Kb / 8P
   SAW Components SAW RX filter
B39821B5046U510 TDK-B39821B5046U510 Datasheet
126Kb / 9P
   SAW Components SAW Rx Filter
B39751B9476M410 TDK-B39751B9476M410 Datasheet
115Kb / 9P
   SAW Components Rx SAW Filter
B39202B4335P810 TDK-B39202B4335P810 Datasheet
135Kb / 9P
   SAW Components SAW Rx Filter
B39162B4308P810 TDK-B39162B4308P810 Datasheet
112Kb / 8P
   SAW Components SAW Rx filter
B39461B5058Z810 TDK-B39461B5058Z810 Datasheet
111Kb / 8P
   SAW Components SAW Rx Filter
B39212B9451P810 TDK-B39212B9451P810 Datasheet
192Kb / 8P
   SAW Components SAW Rx Filter
B39262B9891P810 TDK-B39262B9891P810 Datasheet
104Kb / 8P
   SAW Components SAW Rx filter
B39811B4321P810 TDK-B39811B4321P810 Datasheet
142Kb / 9P
   SAW Components SAW Rx filter
B39741B4339P810 TDK-B39741B4339P810 Datasheet
153Kb / 9P
   SAW Components SAW Rx filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com