Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1063 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SK1063
Description  Fast Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1063 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1063 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1063 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1063
·ELECTRICAL CHARACTERISTICS (T
C=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 10mA
450
V
VGS(TH)
Gate Threshold Voltage
VDS=10 VGS; ID=1mA
2.0
4.0
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 10V; ID=8A
0.25
0.36
Ω
IGSS
Gate Source Leakage Current
VGS= ±16V;VDS= 0
±10
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 360V; VGS= 0
250
uA
VSD)
Forward On-Voltage
IF= 15A; VGS= 0
1.2
V
ton
Turn-on time
VGS=10V;ID=8A;
RL=3.75Ω
145
ns
toff
Turn-off time
320
ns
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1063

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1060 ISC-2SK1060 Datasheet
345Kb / 2P
   Isc N-Channel MOSFETransistor
logo
Renesas Technology Corp
2SK1060 RENESAS-2SK1060 Datasheet
430Kb / 7P
   N-Channel MOS FlELB EEFECT POWER TRANSISTORS
1989
logo
Inchange Semiconductor ...
2SK1060-AZ ISC-2SK1060-AZ Datasheet
326Kb / 2P
   Isc N-Channel MOSFETransistor
logo
Renesas Technology Corp
2SK1060-Z RENESAS-2SK1060-Z Datasheet
430Kb / 7P
   N-Channel MOS FlELB EEFECT POWER TRANSISTORS
1989
logo
Toshiba Semiconductor
2SK1061 TOSHIBA-2SK1061 Datasheet
181Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)
More results

Similar Description - 2SK1063

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com