Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L2SL Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # H11L2SL
Description  Schmitt Trigger Output 6-Pin Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

H11L2SL Datasheet(HTML) 1 Page - CT Micro International Corporation

  H11L2SL Datasheet HTML 1Page - CT Micro International Corporation H11L2SL Datasheet HTML 2Page - CT Micro International Corporation H11L2SL Datasheet HTML 3Page - CT Micro International Corporation H11L2SL Datasheet HTML 4Page - CT Micro International Corporation H11L2SL Datasheet HTML 5Page - CT Micro International Corporation H11L2SL Datasheet HTML 6Page - CT Micro International Corporation H11L2SL Datasheet HTML 7Page - CT Micro International Corporation H11L2SL Datasheet HTML 8Page - CT Micro International Corporation H11L2SL Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Mar, 2014
H11L1, H11L2, H11L3
Schmitt Trigger Output 6-Pin Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
High isolation 5000 VRMS
DC input with Schmitt Trigger output
1MHz(NRZ) data rate
Temperature range - 55 °C to 100 °C
Applications
Line Receiver
Logic to Logic Isolator
Microprocessor system interface
AC to TTL conversion
Description
The H11L1, H11L2 and H11L3 series consist of a
Schmitt Trigger optically coupled to a gallium
arsenide Infrared-emitting diode in a 6-lead DIP
package with different lead forming options.


Similar Part No. - H11L2SL

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
H11L2S(TA).(TB)-V EVERLIGHT-H11L2S(TA).(TB)-V Datasheet
297Kb / 11P
   6 PIN DIP PHOTO COUPLER
H11L2S1(TA).(TB)-V EVERLIGHT-H11L2S1(TA).(TB)-V Datasheet
297Kb / 11P
   6 PIN DIP PHOTO COUPLER
logo
Fairchild Semiconductor
H11L2SM FAIRCHILD-H11L2SM Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
H11L2SR2M FAIRCHILD-H11L2SR2M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
H11L2SR2VM FAIRCHILD-H11L2SR2VM Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
More results

Similar Description - H11L2SL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
   6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
logo
Solid State Optronic
SDS6011 SSOUSA-SDS6011 Datasheet
433Kb / 8P
   Schmitt Trigger Optocoupler
logo
Everlight Electronics C...
H11LX EVERLIGHT-H11LX_13 Datasheet
696Kb / 11P
   6 PIN DIP SCHMITT TRIGGER PHOTOCOUPLER
H11LX EVERLIGHT-H11LX_14 Datasheet
695Kb / 11P
   6 PIN DIP SCHMITT TRIGGER PHOTOCOUPLER
logo
List of Unclassifed Man...
H11L1 ETC1-H11L1 Datasheet
584Kb / 12P
   6-PIN DIP PHOTOCOUPLER SCHMITT TRIGGER
logo
NTE Electronics
NTE3090 NTE-NTE3090 Datasheet
22Kb / 2P
   Optoisolator Schmitt Trigger Output
logo
Vishay Siliconix
VOH1016AG VISHAY-VOH1016AG_V01 Datasheet
214Kb / 12P
   High Speed Optocoupler, 1 MBd, Schmitt Trigger
01-Jan-2022
VOH1016AG VISHAY-VOH1016AG Datasheet
219Kb / 12P
   High Speed Optocoupler, 1 MBd, Schmitt Trigger
01-Jan-2019
logo
Skyworks Solutions Inc.
OLS600 SKYWORKS-OLS600 Datasheet
282Kb / 6P
   Hermetic Surface Mount, High-Speed Schmitt Trigger Optocoupler
June 22, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com