Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B4314P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39881B4314P810
Description  SAW Rx Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B4314P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39881B4314P810 Datasheet HTML 1Page - TDK Electronics B39881B4314P810 Datasheet HTML 2Page - TDK Electronics B39881B4314P810 Datasheet HTML 3Page - TDK Electronics B39881B4314P810 Datasheet HTML 4Page - TDK Electronics B39881B4314P810 Datasheet HTML 5Page - TDK Electronics B39881B4314P810 Datasheet HTML 6Page - TDK Electronics B39881B4314P810 Datasheet HTML 7Page - TDK Electronics B39881B4314P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
January 12, 2012
B4314
881.5 MHz
SAW Components
SAW Rx Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
B4314
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
––
881.5
––
MHz
Maximum insertion attenuation
869.0
...
894.0
MHz
α
max
––
2.0
2.6
dB
@fCarrier
871.4
...
891.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (4).
––
1.9
2.3
dB
Amplitude ripple (p-p)
869.0
...
894.0
MHz
∆α
––
1.0
1.6
dB
Error Vector Magnitude2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
@fCarrier
871.4
...
891.6
MHz EVM
––
2.5
3.5
%
VSWR
869.0
...
894.0
MHz
––
1.8
2.1
Attenuation
α
50.0
...
826.4
MHz
45
49
––
dB
@fCarrier
826.4
...
846.6
MHz
α
WCDMA
1)
42
50
––
dB
910.0
...
914.0
MHz
14
24
––
dB
914.0
...
950.0
MHz
22
30
––
dB
950.0
... 1850.0
MHz
40
52
––
dB
1850.0
... 2000.0
MHz
46
56
––
dB
2000.0
... 3500.0
MHz
35
38
––
dB
3500.0
... 4000.0
MHz
27
31
––
dB


Similar Part No. - B39881B4314P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39881B4314P810 EPCOS-B39881B4314P810 Datasheet
85Kb / 8P
   Usable passband 25.0 MHz
More results

Similar Description - B39881B4314P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B4323P810 TDK-B39941B4323P810 Datasheet
151Kb / 10P
   SAW Rx filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
   SAW Rx filter
B39881B9844P810 TDK-B39881B9844P810 Datasheet
186Kb / 13P
   SAW Rx Filter
B39881B9857P810 TDK-B39881B9857P810 Datasheet
182Kb / 8P
   SAW Rx Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com