Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B8556P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39881B8556P810
Description  SAW Duplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B8556P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39881B8556P810 Datasheet HTML 1Page - TDK Electronics B39881B8556P810 Datasheet HTML 2Page - TDK Electronics B39881B8556P810 Datasheet HTML 3Page - TDK Electronics B39881B8556P810 Datasheet HTML 4Page - TDK Electronics B39881B8556P810 Datasheet HTML 5Page - TDK Electronics B39881B8556P810 Datasheet HTML 6Page - TDK Electronics B39881B8556P810 Datasheet HTML 7Page - TDK Electronics B39881B8556P810 Datasheet HTML 8Page - TDK Electronics B39881B8556P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
August 29, 2011
B8556
836.50 / 881.50 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Application
s
Multimode SAW duplexer for mobile telephone
Cellular/WCDMA Band V systems
s
Low insertion attenuation
s
Low amplitude ripple
s
High Tx band isolation
s
Single ended to balanced transformation
in Antenna - Rx path
s
Impedance transformation 50
Ω to 100Ω
in Antenna - Rx path
Features
s
Component size 2.0 x 1.6 mm2
s
Component height 0.47 mm max.
s
RoHS compatible
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitivity Level (MSL) 3
bottom view
side view
top view
9
0.43
0.33
2.0
0.7
3
2
1
5
7
6
5
3
2
1
6
7
Pin configuration
s
1
TX Input
s
3, 4
RX Output (balanced)
s
6
Antenna
s
2, 5, 7, 8, 9
To be grounded


Similar Part No. - B39881B8556P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39881B8553P810 EPCOS-B39881B8553P810 Datasheet
226Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
More results

Similar Description - B39881B8556P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com