Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B8652P810 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39881B8652P810
Description  SAW Duplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B8652P810 Datasheet(HTML) 5 Page - TDK Electronics

  B39881B8652P810 Datasheet HTML 1Page - TDK Electronics B39881B8652P810 Datasheet HTML 2Page - TDK Electronics B39881B8652P810 Datasheet HTML 3Page - TDK Electronics B39881B8652P810 Datasheet HTML 4Page - TDK Electronics B39881B8652P810 Datasheet HTML 5Page - TDK Electronics B39881B8652P810 Datasheet HTML 6Page - TDK Electronics B39881B8652P810 Datasheet HTML 7Page - TDK Electronics B39881B8652P810 Datasheet HTML 8Page - TDK Electronics B39881B8652P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
September 12, 2014
B8652
836.5 / 881.5 MHz
SAW Components
SAW Duplexer
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +90˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 8.2 nH
RX terminating impedance:
ZRX =
50
TX terminating impedance:
ZTX =
50
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
881.5
MHz
Maximum insertion attenuation
α
max
869.0 ... 894.0 MHz
1.5
2.0
dB
@fCarrier 871.4 ... 891.6 MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (8).
1.4
1.8
dB
Amplitude ripple (p-p)
∆α
869.0 ... 894.0 MHz
0.3
0.9
dB
@fCarrier 871.4 ... 891.6 MHz
∆α
WCDMA
3)
0.2
0.6
dB
Amplitude ripple over any 5MHz
channel
∆α
ch
869.0 ... 894.0 MHz
0.5
0.8
dB
Error Vector Magnitude
EVM2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
@fCarrier 871.4 ... 891.6 MHz
1.5
2.5
%
Input VSWR (ANT port)
869.0 ... 894.0 MHz
1.6
2.0
Output VSWR (RX port)
869.0 ... 894.0 MHz
1.6
2.0
IMD product level limits3)
3) IMD product level limits for power levels P
TX=21.5 dBm (antenna port output power) and
PBlocker=-15dBm (antenna port input power).
at fTX=836.5MHz, fRX=881.5MHz
Blocker 1
45.0 MHz
-128
-109
dBm
Blocker 2
791.5 MHz
-106
-96
dBm
Blocker 3
1718.0 MHz
-104
-94
dBm
Blocker 4
2554.5 MHz
-110
-100
dBm


Similar Part No. - B39881B8652P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8626P810 TDK-B39881B8626P810 Datasheet
254Kb / 15P
   SAW Duplexer
B39881B8645P810 TDK-B39881B8645P810 Datasheet
288Kb / 16P
   SAW Duplexer
More results

Similar Description - B39881B8652P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com