Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B9612P810 Datasheet(PDF) 7 Page - TDK Electronics

Part # B39881B9612P810
Description  SAW filter for smallcells and femtocells
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B9612P810 Datasheet(HTML) 7 Page - TDK Electronics

  B39881B9612P810 Datasheet HTML 1Page - TDK Electronics B39881B9612P810 Datasheet HTML 2Page - TDK Electronics B39881B9612P810 Datasheet HTML 3Page - TDK Electronics B39881B9612P810 Datasheet HTML 4Page - TDK Electronics B39881B9612P810 Datasheet HTML 5Page - TDK Electronics B39881B9612P810 Datasheet HTML 6Page - TDK Electronics B39881B9612P810 Datasheet HTML 7Page - TDK Electronics B39881B9612P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
February 04, 2014
B9612
881.50 MHz
SAW Components
SAW filter for smallcells and femtocells
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B9612
Ordering code
B39881B9612P810
Marking and package
C61157-A8-A9
Packaging
F61074-V8237-Z000
Date codes
L_1126
S-parameters
B9612_NB.s2p, B9612_WB.s2p
See file header for port/pin assignment table.
Soldering profile
S_6001
RoHS compatible
RoHS-compatible means that products are compatible with the
requirements according to Art. 4 (substance restrictions) of Di-
rective 2011/65/EU of the European Parliament and of the-
Council of June 8th, 2011, on the restriction of the use of certain
hazardous substances in electrical and electronic equipment
("Directive") with due regard to the application of exemptions as
per Annex III of the Directive in certain cases.
Moldability
Before using in overmolding environment, please contact your
EPCOS sales office.
Matching coils
See Inductor pdf-catalog
http://www.tdk.co.jp/tefe02/coil.htm#aname1
and Data Library for circuit simulation
http://www.tdk.co.jp/etvcl/index.htm
for a large variety of matching coils.
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Systems, Acoustics, Waves Business Group
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2014. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39881B9612P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39881B9022E610 EPCOS-B39881B9022E610 Datasheet
88Kb / 9P
   SAW Rx Filter GSM 850
B39881B9422K610 EPCOS-B39881B9422K610 Datasheet
78Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B39881B9432M410 EPCOS-B39881B9432M410 Datasheet
78Kb / 8P
   SAW Rx filter GSM850 / WCDMA band V
B39881B9439M410 EPCOS-B39881B9439M410 Datasheet
87Kb / 8P
   SAW Rx filter
logo
TDK Electronics
B39881B9439M410 TDK-B39881B9439M410 Datasheet
112Kb / 8P
   SAW Rx filter
More results

Similar Description - B39881B9612P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39172B9617P810 TDK-B39172B9617P810 Datasheet
119Kb / 8P
   SAW filter for smallcells and femtocells
B39202B8310P810 TDK-B39202B8310P810 Datasheet
133Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39841B9613P810 TDK-B39841B9613P810 Datasheet
199Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39162B9621P810 TDK-B39162B9621P810 Datasheet
127Kb / 10P
   SAW Components SAW filter for smallcells and femtocells
B39711B9616P810 TDK-B39711B9616P810 Datasheet
107Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39741B9620P810 TDK-B39741B9620P810 Datasheet
110Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39212B9615P810 TDK-B39212B9615P810 Datasheet
142Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39192B9611P810 TDK-B39192B9611P810 Datasheet
173Kb / 8P
   SAW Filter for smallcells
B39202B9619P810 TDK-B39202B9619P810 Datasheet
143Kb / 9P
   SAW Components SAW Filter for smallcells
B39202B9610P810 TDK-B39202B9610P810 Datasheet
163Kb / 8P
   SAW Components SAW Filter for smallcells
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com