Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B9844P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39881B9844P810
Description  SAW Rx Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B9844P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39881B9844P810 Datasheet HTML 1Page - TDK Electronics B39881B9844P810 Datasheet HTML 2Page - TDK Electronics B39881B9844P810 Datasheet HTML 3Page - TDK Electronics B39881B9844P810 Datasheet HTML 4Page - TDK Electronics B39881B9844P810 Datasheet HTML 5Page - TDK Electronics B39881B9844P810 Datasheet HTML 6Page - TDK Electronics B39881B9844P810 Datasheet HTML 7Page - TDK Electronics B39881B9844P810 Datasheet HTML 8Page - TDK Electronics B39881B9844P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
July 22, 2014
B9844
745.0 / 877.0 MHz
SAW Components
SAW Rx Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics of Filter 1 (LTE Band 13/17)
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω ll 25 nH
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
__
745.0
__
MHz
Maximum insertion attenuation
α
max
734.0
...
756.0
MHz
__
2.7
3.5
dB
Amplitude ripple (p-p)
∆α
734.0
...
756.0
MHz
__
1.3
2.2
dB
Input VSWR
734.0
...
756.0
MHz
__
1.85
2.3
Output VSWR
734.0
...
756.0
MHz
__
2.0
2.3
Attenuation
α
100.0
...
704.0
MHz
40
53
__
dB
704.0
...
716.0
MHz
46
50
__
dB
722.0
...
725.0
MHz
10
26
__
dB
777.0
...
787.0
MHz
38
43
__
dB
787.0
...
850.0
MHz
40
47
__
dB
850.0
...
935.0
MHz
35
38
__
dB
935.0
... 4500.0
MHz
40
47
__
dB
4500.0
... 6000.0
MHz
35
42
__
dB


Similar Part No. - B39881B9844P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39881B9857P810 TDK-B39881B9857P810 Datasheet
182Kb / 8P
   SAW Rx Filter
B39881B9867P810 TDK-B39881B9867P810 Datasheet
134Kb / 9P
   SAW Rx filter
More results

Similar Description - B39881B9844P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B4323P810 TDK-B39941B4323P810 Datasheet
151Kb / 10P
   SAW Rx filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
   SAW Rx filter
B39881B9857P810 TDK-B39881B9857P810 Datasheet
182Kb / 8P
   SAW Rx Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com