Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-5630WK-DT-1-T60-P-XX Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LG-5630WK-DT-1-T60-P-XX
Description  0.2W Power Light LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WK-DT-1-T60-P-XX Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LG-5630WK-DT-1-T60-P-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-5630WK-DT-1-T60-P-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-5630WK-DT-1-T60-P-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-5630WK-DT-1-T60-P-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-5630WK-DT-1-T60-P-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WK-DT-1-T60-P-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WK-DT-1-T60-P-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WK-DT-1-T60-P-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WK-DT-1-T60-P-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1/17
Page
Product Model Designation System
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
A
B
C
D
E
F
G
H
I
J
K
L
30:3.0mm
57:5.7mm
LG:Ligitek
T:Tape&Reel
Package
56:5.6mm
Dimension(W)
A
Dimension(L)
Title
Zener
Emitting Color
WK:White Color
D:Yellow Diffused
Epoxy Color
Chip Modification
-X: 2 chip in 1(Parallel)
-1: 1 chip in 1
-2: 2 chip in 1(Series)
Test Current
BC
DE
FG
H
I
T60: 60mA
Patent
J
LG - 56 30 WK Z - D T - 1 - T60 - P - CW - D01
Chromaticity Coordinates
K
-CW: Cool White
-NW: Neutral White
-WW: Warm White
Bin Modification
L
P: IP Free


Similar Part No. - LG-5630WK-DT-1-T60-P-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WK-DT-1-T60-XX LIGITEK-LG-5630WK-DT-1-T60-XX Datasheet
419Kb / 18P
   0.2W Power Light LED
More results

Similar Description - LG-5630WK-DT-1-T60-P-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WK-1-T60-C-D711 LIGITEK-LG-5630WK-1-T60-C-D711 Datasheet
329Kb / 16P
   0.2W Power Light LED
LG-5630WK-1-T60-W-D711 LIGITEK-LG-5630WK-1-T60-W-D711 Datasheet
434Kb / 16P
   0.2W Power Light LED
LG-5630WK-1-T60-P-X-DXXX LIGITEK-LG-5630WK-1-T60-P-X-DXXX Datasheet
373Kb / 17P
   0.2W Power Light LED
LG-4014WKZ-DT-P-A02 LIGITEK-LG-4014WKZ-DT-P-A02 Datasheet
344Kb / 16P
   0.2W Power Light LED
LG-4014WK-DT-P-A07 LIGITEK-LG-4014WK-DT-P-A07 Datasheet
372Kb / 16P
   0.2W Power Light LED
LG-5630DBKZ-1-T60-A01 LIGITEK-LG-5630DBKZ-1-T60-A01 Datasheet
419Kb / 18P
   0.2W Power Light LED
LG-5630WKZ-DT-1-WW-D04 LIGITEK-LG-5630WKZ-DT-1-WW-D04 Datasheet
273Kb / 16P
   0.2W Power Light LED
LG-5630WK-DT-1-T60-XX LIGITEK-LG-5630WK-DT-1-T60-XX Datasheet
419Kb / 18P
   0.2W Power Light LED
LG-5630WKZ-1-P-N-D901 LIGITEK-LG-5630WKZ-1-P-N-D901 Datasheet
371Kb / 16P
   0.2W Power Light LED
LG-4014WK-DT-P-A02 LIGITEK-LG-4014WK-DT-P-A02 Datasheet
427Kb / 16P
   0.2W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com