Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-5630WKZ-1-T150-C-D701 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-1-T150-C-D701
Description  0.5W Power Light LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-1-T150-C-D701 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LG-5630WKZ-1-T150-C-D701 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-C-D701 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-C-D701 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-C-D701 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-C-D701 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-C-D701 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-C-D701 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-C-D701 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-C-D701 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
4/15
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Forward Voltage Characteristics at 150mA
(Ratings At 25°C Ambient)
Vf
Min.
Note : Forward Voltage is measured with an accuracy of±0.1V
Cool White
Emission
Color
V
3.8
----
Max.
Typ.
Units
Chromaticity Coordinates Characteristics at 150mA
(Ratings At 25
Ambient )
Note : ±0.01 is tester tolerance.
Lambertian
Emission Angle Characteristics at 150mA
(Ratings At 25°C Ambient )
Cool White
Emission
Color
Units
Degrees
120
PART NO
LG-5630WKZ-1-T150-C-D701
PART NO
2.8
LG-5630WKZ-1-T150-C-D701
0.3539
Emission
Color
0.3028
0.3294
0.3113
X
Min.
Max.
Chromaticity Coordinates
Y
Min.
Max.
PART NO
LG-5630WKZ-1-T150-C-D701
CRI
Color Rendering Index Characteristics at 150mA
(Ratings At 25°C Ambient )
Emission
Color
----
PART NO
Min.
Max.
Typ.
70
----
Cool White
Cool White
LG-5630WKZ-1-T150-C-D701


Similar Part No. - LG-5630WKZ-1-T150-C-D701

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-1-T150-P-W LIGITEK-LG-5630WKZ-1-T150-P-W Datasheet
416Kb / 15P
   0.5W Power Light LED
LG-5630WKZ-1-T150-W-D701 LIGITEK-LG-5630WKZ-1-T150-W-D701 Datasheet
351Kb / 16P
   0.5W Power Light LED
More results

Similar Description - LG-5630WKZ-1-T150-C-D701

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-T150-WW LIGITEK-LG-5630WKZ-DT-1-T150-WW Datasheet
356Kb / 16P
   0.5W Power Light LED
LG-5630WKZ-1-T150-P-W LIGITEK-LG-5630WKZ-1-T150-P-W Datasheet
416Kb / 15P
   0.5W Power Light LED
LG-5630WKZ-1-T150-W-D701 LIGITEK-LG-5630WKZ-1-T150-W-D701 Datasheet
351Kb / 16P
   0.5W Power Light LED
logo
Elite Enterprises (H.K....
PP6N-FLXE ELITE-PP6N-FLXE Datasheet
924Kb / 20P
   0.5W Power LED
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
   High Power LED - 0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com