Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-5630WKZ-1-T150-P-W Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-1-T150-P-W
Description  0.5W Power Light LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-1-T150-P-W Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LG-5630WKZ-1-T150-P-W Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-P-W Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-P-W Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-P-W Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-P-W Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-P-W Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-P-W Datasheet HTML 12Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-P-W Datasheet HTML 13Page - LIGITEK electronics co., ltd. LG-5630WKZ-1-T150-P-W Datasheet HTML 14Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9/14
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0
20
40
60
80
100
120
140
2.6
2.8
3
3.2
3.4
3.6
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
120
140
Fig.4 Directivity Radiation
-30°
75%
100%
-60°
100%
50% 75%
25%
0
50%
25%
0°
60
30°
Wavelength (nm)
Fig.5 Luminous Spectrum(Ta=25°C)
SPECTRAL RADIANCE
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Fig.2 Forward current vs.Luminous Intensity
Forward Current(mA)
Fig.3 Max. Driving Forward Current VS. Soldering Temperature
0
50
100
150
200
0
2040
6080
100
Soldering Temperature Ts (°C)
Typical Electro Optical Characteristics Curves
0
5
10
15
20
25
30
35
300
350
400
450
500
550
600
650
700
750
800
850
900


Similar Part No. - LG-5630WKZ-1-T150-P-W

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-1-T150-C-D701 LIGITEK-LG-5630WKZ-1-T150-C-D701 Datasheet
357Kb / 16P
   0.5W Power Light LED
LG-5630WKZ-1-T150-W-D701 LIGITEK-LG-5630WKZ-1-T150-W-D701 Datasheet
351Kb / 16P
   0.5W Power Light LED
More results

Similar Description - LG-5630WKZ-1-T150-P-W

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-T150-WW LIGITEK-LG-5630WKZ-DT-1-T150-WW Datasheet
356Kb / 16P
   0.5W Power Light LED
LG-5630WKZ-1-T150-C-D701 LIGITEK-LG-5630WKZ-1-T150-C-D701 Datasheet
357Kb / 16P
   0.5W Power Light LED
LG-5630WKZ-1-T150-W-D701 LIGITEK-LG-5630WKZ-1-T150-W-D701 Datasheet
351Kb / 16P
   0.5W Power Light LED
logo
Elite Enterprises (H.K....
PP6N-FLXE ELITE-PP6N-FLXE Datasheet
924Kb / 20P
   0.5W Power LED
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
   High Power LED - 0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com