Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-5630WKZ-DT-1-T150-WW Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-1-T150-WW
Description  0.5W Power Light LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-1-T150-WW Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

Back Button LG-5630WKZ-DT-1-T150-WW Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-WW Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-WW Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-WW Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-WW Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-WW Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-WW Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-WW Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-WW Datasheet HTML 12Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
7/15
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
The C.I.E 1931 Chromaticity Coordinates
0.35
0.37
0.39
0.41
0.43
0.45
0.47
0.36
NN
NO
3250K
PN
PO
3050K
2850K
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56


Similar Part No. - LG-5630WKZ-DT-1-T150-WW

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-T150-CW LIGITEK-LG-5630WKZ-DT-1-T150-CW Datasheet
409Kb / 16P
   White colored SMTpackage
More results

Similar Description - LG-5630WKZ-DT-1-T150-WW

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-1-T150-C-D701 LIGITEK-LG-5630WKZ-1-T150-C-D701 Datasheet
357Kb / 16P
   0.5W Power Light LED
LG-5630WKZ-1-T150-P-W LIGITEK-LG-5630WKZ-1-T150-P-W Datasheet
416Kb / 15P
   0.5W Power Light LED
LG-5630WKZ-1-T150-W-D701 LIGITEK-LG-5630WKZ-1-T150-W-D701 Datasheet
351Kb / 16P
   0.5W Power Light LED
logo
Elite Enterprises (H.K....
PP6N-FLXE ELITE-PP6N-FLXE Datasheet
924Kb / 20P
   0.5W Power LED
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
   High Power LED - 0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com