Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-S6707 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # STR-S6707
Description  OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S6707 Datasheet(HTML) 8 Page - Allegro MicroSystems

  STR-S6707 Datasheet HTML 1Page - Allegro MicroSystems STR-S6707 Datasheet HTML 2Page - Allegro MicroSystems STR-S6707 Datasheet HTML 3Page - Allegro MicroSystems STR-S6707 Datasheet HTML 4Page - Allegro MicroSystems STR-S6707 Datasheet HTML 5Page - Allegro MicroSystems STR-S6707 Datasheet HTML 6Page - Allegro MicroSystems STR-S6707 Datasheet HTML 7Page - Allegro MicroSystems STR-S6707 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
STR-S6707 THRU STR-S6709
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
SWITCHING REGULATOR PMCMs
Part
Number*
Application
VI
Max PO
Power Switch
3002M
5 V switching regulator and a
7.0-33 V
500 mA
bipolar
9 V switching regulator†–
400 mA
bipolar
3004M
5 V switching regulator and
7.0-33 V
500 mA
bipolar
Dual 9 V switching regulator
2 x 400 mA
bipolar
S5703
Quasi-resonant flyback converter
110/120 V
140 W
500 V
6 A
bipolar
S5707
Quasi-resonant flyback converter
85-265 V
90 W
850 V
6 A
bipolar
220/240V
140 W
S5708
Quasi-resonant flyback converter
85-265 V
120 W
850 V
7.5 A
bipolar
220/240 V
180 W
S6703
Quasi-resonant flyback converter
110/120V
140 W
500 V
6 A
bipolar
S6704
Quasi-resonant flyback converter
110/120 V
100 W
500 V
5 A
bipolar
S6707
Quasi-resonant flyback converter
85-265 V
90 W
850 V
6 A
bipolar
220/240 V
140 W
S6708
Quasi-resonant flyback converter
85-265 V
120 W
850 V
7.5 A
bipolar
220/240 V
180 W
S6709
Quasi-resonant flyback converter
85-265 V
160 W
850 V
10 A
bipolar
220/240 V
220 W
8033S
3.3 V switching regulator
5.5-28 V
3 A
bipolar
8050S
5.0 V switching regulator
7.0-40 V
3 A
bipolar
8090S
9.0 V switching regulator
12-40V
3 A
bipolar
8120S
12 V switching regulator
15-40 V
3 A
bipolar
8150S
15 V switching regulator
18-40 V
3 A
bipolar
* Complete part number includes additional characters to indicate operating temperature range and/or package style.
† Also includes linear regulator output for 15.7 V at 1.0 A.
‡ Without heat sink.
The products described here are manufactured in Japan by Sanken Electric Co., Ltd. for
sale by Allegro MicroSystems, Inc.
Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. reserve the right to make, from
time to time, such departures from the detail specifications as may be required to permit
improvements in the performance, reliability, or manufacturability of their products.
Therefore, the user is cautioned to verify that the information in this publication is current
before placing any order.
These products are not authorized for use as critical components in life-support
appliances, devices, or systems without express written approval.
The information included herein is believed to be accurate and reliable. However,
Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. assume no responsibility for its
use; nor for any infringements of patents or other rights of third parties which may result
from its use.


Similar Part No. - STR-S6707

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-S6707 ALLEGRO-STR-S6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6707 ALLEGRO-STR-S6707 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6707 ALLEGRO-STR-S6707 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
More results

Similar Description - STR-S6707

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STRS6708 ALLEGRO-STRS6708 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6703 ALLEGRO-STR-S6703 Datasheet
158Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STRS6709 ALLEGRO-STRS6709 Datasheet
138Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STRS5707 ALLEGRO-STRS5707 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5707 ALLEGRO-STR-S5707 Datasheet
163Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S6707 ALLEGRO-STR-S6707 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
STR-S5703 ALLEGRO-STR-S5703 Datasheet
162Kb / 8P
   OFF-LINE SWITCHING REGULATOR WITH BIPOLAR SWITCHING TRANSISTOR
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com