Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN06090 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN06090
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN06090 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN06090 Datasheet HTML 1Page - ice Components, Ins. IN06090 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN06090
Revision
0
Description
Inductor
Date
AUG-07-2009
Reference
--
Doc Control #
--
Issue(For ICE use only) --
Mechanical Drawing
1
4
2
3
10.6 MAX
8.7 MAX
1.45
2.29
IN06090
YYWW
(a)
(b)
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance @0Adc 1 – 3
600 nH +/- 15%
1 MHz, 0.1Vrms, series
1 – 3
430 nH min
1 MHz, 0.1Vrms, series (26Adc)
Inductance @Isat at
25degC
1 – 3
320 nH min
1 MHz, 0.1Vrms, series (32Adc)
1 – 2
0.63 mOhm +/- 10%
DCR
4 – 3
0.63 mOhm +/- 10%
+25 deg C
Schematic
1
2
4
3
Footprint
1.6
5.9
10.2
2.0
1.45
1.0
1.45
Top View
unit:mm
Recommended PCB Layout
2.55
2.55
1.78
8.24
2.03
4.06
2.29
Top View
unit:mm
Remark
1.
Isat is the current at which the
inductance drops by 20%.
2.
Inductance vs. Current Curve as
attached.
3.
This is RoHS compliant product.
4.
The nominal DCR is measured from
point (a) to point (b), as shown on the
mechanical drawing.
Rev.
Description
PRD CHK
APP
Date
NTFY
0
Initial release
Emily
Gary
L. L. Chou
2009/8/7
2009/8/7
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Similar Part No. - IN06090

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN06092 ICE-IN06092 Datasheet
56Kb / 2P
   Inductor
More results

Similar Description - IN06090

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com