Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN06130 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN06130
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN06130 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN06130 Datasheet HTML 1Page - ice Components, Ins. IN06130 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
E-mail:engineer@ica.com.tw
www.icecomponents.com
6-1Fl., No. 111, Sec. 3, Chung-Hsin Road,
San-Chung City, Taipei Hsien, Taiwan
General Information
Customer
Part Number
IN06130
Description
Inductor
Date
JUL-26-2007
Reference
--
Sample Log#
--
Doc Control # 0707-686P
Issue
A
Mechanical Drawing
IN06130
YYWW
TOP VIEW
6.2 MAX
10.3 MAX
6.0 +/-0.3
2.5 +/- 0.25
1.4 +/- 0.1
BOTTOM VIEW
1.0
2.0 dia
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance @0Adc
S - F
660 nH +/- 10%
100 kHz, 0.1Vrms, series
Inductance @Isat at 25degC S - F
475 nH min
100 k Hz, 0.1Vrms, series (27
Adc)
DCR
S - F
1.15 mOhm typ.
1.4 mOhm max
+25 deg C
Isat at +25degC
S - F
27 Adc max
Isat at +125degC
S - F
22 Adc max
Isat at -40degC
S - F
29 Adc max
Idc
S - F
27 Adc max
Schematic
S
F
Recommended PCB Layout
8.6
3.6
3.0
unit:mm
Remark
1.
Isat is the current at which the inductance
drops by 20% max.
2.
Idc is the current at which the
temperature of the part increases by 50
deg C.
3.
This is RoHS compliant product.
4.
Inductance vs. Current Curve and
Temperature vs. Current Curve as
attached.
5.
Operating temperature range:
-40degC ~ +130degC (temperature rise +
ambient temperature).
Rev.
Description
PRD
CHK
APP
Date
0
Initial release
Emily
Gary
L. L. Chou
2007/7/26
Sample approval is required before release
to production. Sample specifications take
precedence over customer specifications.
_______________________________
Customer Signature
PAGE 1 OF 2


Similar Part No. - IN06130

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN06104 ICE-IN06104 Datasheet
56Kb / 2P
   Inductor
IN06111 ICE-IN06111 Datasheet
34Kb / 1P
   Inductor
IN06114 ICE-IN06114 Datasheet
57Kb / 2P
   Inductor
IN06117 ICE-IN06117 Datasheet
36Kb / 2P
   Inductor
IN06128 ICE-IN06128 Datasheet
36Kb / 2P
   Inductor
More results

Similar Description - IN06130

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com