Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39491B5217H310 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39491B5217H310
Description  SAW Components SAW IF filter Clean up filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39491B5217H310 Datasheet(HTML) 3 Page - TDK Electronics

  B39491B5217H310 Datasheet HTML 1Page - TDK Electronics B39491B5217H310 Datasheet HTML 2Page - TDK Electronics B39491B5217H310 Datasheet HTML 3Page - TDK Electronics B39491B5217H310 Datasheet HTML 4Page - TDK Electronics B39491B5217H310 Datasheet HTML 5Page - TDK Electronics B39491B5217H310 Datasheet HTML 6Page - TDK Electronics B39491B5217H310 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Oct 22, 2010
B5217
491.52 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25
max.
Nominal frequency
fN
491.52
MHz
Insertion attenuation at fN (T=25˚C)
α
n
6.0
7.0
8.0
dB
Variation of Insertion att.
(rel. to α
n)
α
rel
——
±0.9
dB
Passband bandwidth
α
rel <= 3 dB
B3dB
1.0
1.67
MHz
Amplitude ripple (p-p)
∆α
fN ± 0.1 MHz
0.3
0.5
dB
Group delay ripple (p-p)
∆τ
fN ± 0.1 MHz
10
70
ns
Relative attenuation
(relative to α
n)
α
rel
fN - 200.0 MHz ... fN - 10.00 MHz
40
46
dB
fN - 10.00 MHz ... fN -
3.000 MHz
35
44
dB
fN - 3.000 MHz ... fN -
1.000 MHz
4.5
dB
fN - 1.000 MHz ... fN -
0.800 MHz
1.5
dB
fN + 0.800 MHz ... fN + 1.000 MHz
1.5
dB
fN + 1.000 MHz ... fN + 3.000 MHz
4.5
dB
fN + 3.000 MHz ... fN + 10.00 MHz
35
43
dB
fN + 10.00 MHz ... fN + 200.00 MHz
40
48
dB
Temperature coefficient of frequency1)
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
TCf
-0.036
ppm/K2
Turnover temperature
T0
—25
˚C


Similar Part No. - B39491B5217H310

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39491B5217H310 EPCOS-B39491B5217H310 Datasheet
70Kb / 7P
   SAW IF filter Clean up filter
More results

Similar Description - B39491B5217H310

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5217 EPCOS-B5217 Datasheet
70Kb / 7P
   SAW IF filter Clean up filter
logo
TDK Electronics
B39151B5239H810 TDK-B39151B5239H810 Datasheet
101Kb / 8P
   SAW Components SAW IF filter
B39161B5204H810 TDK-B39161B5204H810 Datasheet
77Kb / 7P
   SAW Components SAW IF filter
B39725B1728H810 TDK-B39725B1728H810 Datasheet
107Kb / 10P
   SAW Components SAW IF filter
B39151B5206H810 TDK-B39151B5206H810 Datasheet
77Kb / 7P
   SAW Components SAW IF filter
B39141B5246H810 TDK-B39141B5246H810 Datasheet
173Kb / 14P
   SAW Components SAW IF filter
B39800X3403H810 TDK-B39800X3403H810 Datasheet
118Kb / 10P
   SAW Components SAW IF filter
B39121B5245H310 TDK-B39121B5245H310 Datasheet
88Kb / 7P
   SAW Components SAW IF filter
B39361B5215H810 TDK-B39361B5215H810 Datasheet
96Kb / 8P
   SAW Components SAW IF filter
B39261B1726H810 TDK-B39261B1726H810 Datasheet
82Kb / 7P
   SAW Components SAW IF filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com