Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39711B5107U410 Datasheet(PDF) 9 Page - TDK Electronics

Part # B39711B5107U410
Description  SAW Components SAW RF filter for base stations
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39711B5107U410 Datasheet(HTML) 9 Page - TDK Electronics

  B39711B5107U410 Datasheet HTML 1Page - TDK Electronics B39711B5107U410 Datasheet HTML 2Page - TDK Electronics B39711B5107U410 Datasheet HTML 3Page - TDK Electronics B39711B5107U410 Datasheet HTML 4Page - TDK Electronics B39711B5107U410 Datasheet HTML 5Page - TDK Electronics B39711B5107U410 Datasheet HTML 6Page - TDK Electronics B39711B5107U410 Datasheet HTML 7Page - TDK Electronics B39711B5107U410 Datasheet HTML 8Page - TDK Electronics B39711B5107U410 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Jan 22, 2015
B5107
707.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately
incumbent on the customer to check and decide whether an EPCOS product with the
properties described in the product specification is suitable for use in a particular customer
application.
2.
We also point out that in individual cases, a malfunction of electronic components or
failure before the end of their usual service life cannot be completely ruled out in the
current state of the art, even if they are operated as specified. In customer applications
requiring a very high level of operational safety and especially in customer applications in
which the malfunction or failure of an electronic component could endanger human life or
health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by
means of suitable design of the customer application or other action taken by the customer
(e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained
by third parties in the event of malfunction or failure of an electronic component.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as hazardous). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be
available. The aforementioned does not apply in the case of individual agreements deviating
from the foregoing for customer-specific products.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current
version of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CeraLink, CeraPlas, CSMP, CSSP,
CTVS, DeltaCap, DigiSiMic, DSSP, FilterCap, FormFit, MiniBlue, MiniCell, MKD, MKK, MLSC,
MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL,
SilverCap, SIMDAD, SiMic, SIMID, SineFormer, SIOV, SIP5D, SIP5K, TFAP, ThermoFuse,
WindCap are trademarks registered or pending in Europe and in other countries. Further
information will be found on the Internet at www.epcos.com/trademarks.


Similar Part No. - B39711B5107U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39711B5107U410 EPCOS-B39711B5107U410 Datasheet
56Kb / 6P
   SAW RF filter Basestation
More results

Similar Description - B39711B5107U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39142B5128U410 TDK-B39142B5128U410 Datasheet
142Kb / 8P
   SAW Components SAW RF filter for base stations
B39821B3836U410 TDK-B39821B3836U410 Datasheet
108Kb / 8P
   SAW Components SAW RF filter for base stations
B39721B5309U410 TDK-B39721B5309U410 Datasheet
134Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5303U410 TDK-B39262B5303U410 Datasheet
208Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5304U410 TDK-B39262B5304U410 Datasheet
149Kb / 8P
   SAW Components SAW RF filter for base stations
B39242B5302U410 TDK-B39242B5302U410 Datasheet
212Kb / 10P
   SAW Components SAW RF filter for base stations
B39262B5164U410 TDK-B39262B5164U410 Datasheet
151Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5175U410 TDK-B39262B5175U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39152B5163U410 TDK-B39152B5163U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39781B5199U410 TDK-B39781B5199U410 Datasheet
144Kb / 9P
   SAW Components SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com