Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4751A Datasheet(PDF) 1 Page - Comchip Technology

Part # 1N4751A
Description  1.0W Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4751A Datasheet(HTML) 1 Page - Comchip Technology

  1N4751A Datasheet HTML 1Page - Comchip Technology 1N4751A Datasheet HTML 2Page - Comchip Technology 1N4751A Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4728A thru 1N4764A
Features
- 1.0 Watt Power Dissipation
- 3.3V - 100V Nominal Zener Voltage
- Standard VZ Tolerance is 5%
Mechanical Data
- Case: DO-41, Glass
- Terminals: Solderable per MIL-STD-202,
Method 208
- Polarity: Cathode Band
- Approx. Weight: 0.35 grams
1.0W Zener Diode
1.0W Zener Diode
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312003A
Page 1
Nominal Zener Voltage: 3.3 to 100V
Power Dissipation: 1.0W
DO-41 Glass
Dimensions in inches and (millimeters)
1.0 (25.4)
Min.
1.0 (25.4)
Min.
0.107 (2.71)
Max.
0.185 (4.7)
Max.
0.034 (0.863)
Max.
Characteristic
Symbol
Value
Unit
Zener Current (see Table page 2)
IZ
Pd / VZ
mA
Power Dissipation
Derate Above 50°C
(Note 1)
Pd
1.0
6.67
W
mW/°C
Thermal Resistance - Junction to Ambient Air
RqJA
175
°C/W
Forward Voltage @ IF = 200 mA
VF
1.2
V
Operating and Storage Temperature Range
Tj,TSTG
-65 to + 200
°C
Note:
1. Valid provided that leads are kept at TL @ 50
°C with lead length = 9.5mm (3/8”) from case.
Maximum Ratings @ TA = 25°C unless otherwise specified


Similar Part No. - 1N4751A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N4751A MICROSEMI-1N4751A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Vishay Siliconix
1N4751A VISHAY-1N4751A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4751A FAIRCHILD-1N4751A Datasheet
666Kb / 4P
   Zener Diodes
logo
Pan Jit International I...
1N4751A PANJIT-1N4751A Datasheet
360Kb / 5P
   SILICON ZENER DIODE
More results

Similar Description - 1N4751A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com