Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39751B5116U410 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39751B5116U410
Description  SAW Components SAW RF filter for base stations
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39751B5116U410 Datasheet(HTML) 5 Page - TDK Electronics

  B39751B5116U410 Datasheet HTML 1Page - TDK Electronics B39751B5116U410 Datasheet HTML 2Page - TDK Electronics B39751B5116U410 Datasheet HTML 3Page - TDK Electronics B39751B5116U410 Datasheet HTML 4Page - TDK Electronics B39751B5116U410 Datasheet HTML 5Page - TDK Electronics B39751B5116U410 Datasheet HTML 6Page - TDK Electronics B39751B5116U410 Datasheet HTML 7Page - TDK Electronics B39751B5116U410 Datasheet HTML 8Page - TDK Electronics B39751B5116U410 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Feb 11, 2015
B5116
751.5 MHz
SAW Components
SAW RF filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
0
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115B (MM - Machine Model), 10 negative & 10 positive pulses
V
Machine Model
Input power
PIN
746 MHz ... 757 MHz
22
dBm
cw, 24h, 55˚C
746 MHz ... 757 MHz
15
dBm
cw, 1000h, 85˚C


Similar Part No. - B39751B5116U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39751B5116U410 EPCOS-B39751B5116U410 Datasheet
98Kb / 8P
   SAW filter RF Base Station
More results

Similar Description - B39751B5116U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39142B5128U410 TDK-B39142B5128U410 Datasheet
142Kb / 8P
   SAW Components SAW RF filter for base stations
B39821B3836U410 TDK-B39821B3836U410 Datasheet
108Kb / 8P
   SAW Components SAW RF filter for base stations
B39721B5309U410 TDK-B39721B5309U410 Datasheet
134Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5303U410 TDK-B39262B5303U410 Datasheet
208Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5304U410 TDK-B39262B5304U410 Datasheet
149Kb / 8P
   SAW Components SAW RF filter for base stations
B39242B5302U410 TDK-B39242B5302U410 Datasheet
212Kb / 10P
   SAW Components SAW RF filter for base stations
B39262B5164U410 TDK-B39262B5164U410 Datasheet
151Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5175U410 TDK-B39262B5175U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39152B5163U410 TDK-B39152B5163U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39781B5199U410 TDK-B39781B5199U410 Datasheet
144Kb / 9P
   SAW Components SAW RF filter for base stations
B39711B5107U410 TDK-B39711B5107U410 Datasheet
152Kb / 9P
   SAW Components SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com