Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QID3340001 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QID3340001
Description  Dual IGBT HVIGBT Module 400 Amperes/3300 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3340001 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QID3340001 Datasheet HTML 1Page - Powerex Power Semiconductors QID3340001 Datasheet HTML 2Page - Powerex Power Semiconductors QID3340001 Datasheet HTML 3Page - Powerex Power Semiconductors QID3340001 Datasheet HTML 4Page - Powerex Power Semiconductors QID3340001 Datasheet HTML 5Page - Powerex Power Semiconductors QID3340001 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
QID3340001
Dual IGBT HVIGBT Module
400 Amperes/3300 Volts
2
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
11/14 Rev. 5
Preliminary
Information presented is based upon manufacturers testing and projected capabilities. This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
Absolute Maximum Ratings,
Tj = 25 °C unless otherwise specified
Ratings
Symbol
QID3340001
Units
Collector-Emitter Voltage (VGE = 0V, Tj = -40 to +150°C)
VCES
3300
Volts
Collector-Emitter Voltage (VGE = 0V, Tj = -50°C)
VCES
3200
Volts
Junction Temperature
Tj
-50 to 150
°C
Operating Junction Temperature
Tjop
-50 to 150
°C
Storage Temperature
Tstg
-55 to 150
°C
Gate-Emitter Voltage (VCE = 0V)
VGES
±20
Volts
Collector Current (TC = 95°C)
IC
400
Amperes
Peak Collector Current (Pulse)
ICM
800*
Amperes
Diode Forward Current** (TC = 99°C)
IF
400
Amperes
Diode Forward Surge Current** (Pulse)
IFM
800*
Amperes
Maximum Collector Dissipation (TC = 25°C, IGBT Part, Tj(max) ≤ 150°C)
PC
3560
Watts
Mounting Torque, M4/M8 Terminal Screws
2/15
N·m
Mounting Torque, M6 Mounting Screws
6
N·m
Module Weight (Typical)
900
Grams
Isolation Voltage (Charged Part to Baseplate, AC 60Hz 1 min.)
Viso
6
kVolts
Partial Discharge
Qpd
10
pC
(V1 = 3500 Vrms, V2 = 2600 Vrms, f = 60Hz (Acc. to IEC 1287))
Maximum Short-Circuit Pulse Width,
tpsc
10
µs
(VCC ≤ 2500V, VCE ≤ VCES, VGE = +15V/-8V, Tj = 150°C)
Electrical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V, Tj = 25°C
2.0
mA
VCE = VCES, VGE = 0V, Tj = 125°C
2.0
mA
VCE = VCES, VGE = 0V, Tj = 150°C
10
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 30mA, VCE = 10V
5.7
6.2
6.7
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 400A, VGE = 15V, Tj = 25°C
2.7***
3.3
Volts
IC = 400A, VGE = 15V, Tj = 125°C
3.4
4.0
Volts
IC = 400A, VGE = 15V, Tj = 150°C
3.6
Volts
Total Gate Charge
QG
VCC = 1800V, IC = 170A, VGE = 15V
3.6
µC
Emitter-Collector Voltage**
VEC
IE = 400A, VGE = 0V, Tj = 25°C
2.3
3.0
Volts
IE = 400A, VGE = 0V, Tj = 125°C
2.45
Volts
IE = 400A, VGE = 0V, Tj = 150°C
2.40
Volts
*Pulse width and repetition rate should be such that device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
***Pulse width and repetition rate should be such that device junction temperature rise is negligible.


Similar Part No. - QID3340001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID3310006 POWEREX-QID3310006 Datasheet
572Kb / 6P
   Dual IGBT HVIGBT Module 100 Amperes/3300 Volts
QID3320002 POWEREX-QID3320002 Datasheet
740Kb / 6P
   Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3320004 POWEREX-QID3320004 Datasheet
572Kb / 6P
   Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3330001 POWEREX-QID3330001 Datasheet
485Kb / 6P
   Dual IGBT HVIGBT Module 300 Amperes/3300 Volts
QID3350001 POWEREX-QID3350001 Datasheet
503Kb / 6P
   Dual IGBT HVIGBT Module 500 Amperes/3300 Volts
More results

Similar Description - QID3340001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID3320002 POWEREX-QID3320002 Datasheet
740Kb / 6P
   Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3310006 POWEREX-QID3310006 Datasheet
572Kb / 6P
   Dual IGBT HVIGBT Module 100 Amperes/3300 Volts
QID3330001 POWEREX-QID3330001 Datasheet
485Kb / 6P
   Dual IGBT HVIGBT Module 300 Amperes/3300 Volts
QID3350001 POWEREX-QID3350001 Datasheet
503Kb / 6P
   Dual IGBT HVIGBT Module 500 Amperes/3300 Volts
QID3320004 POWEREX-QID3320004 Datasheet
572Kb / 6P
   Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID6508001 POWEREX-QID6508001 Datasheet
592Kb / 7P
   Dual IGBT HVIGBT Module 85 Amperes/6500 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM400HB-90H POWEREX-CM400HB-90H Datasheet
65Kb / 4P
   Single IGBTMOD??HVIGBT 400 Amperes/4500 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com