Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39781B8005P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39781B8005P810
Description  SAW Components SAW Duplexer for Smallcell
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39781B8005P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39781B8005P810 Datasheet HTML 1Page - TDK Electronics B39781B8005P810 Datasheet HTML 2Page - TDK Electronics B39781B8005P810 Datasheet HTML 3Page - TDK Electronics B39781B8005P810 Datasheet HTML 4Page - TDK Electronics B39781B8005P810 Datasheet HTML 5Page - TDK Electronics B39781B8005P810 Datasheet HTML 6Page - TDK Electronics B39781B8005P810 Datasheet HTML 7Page - TDK Electronics B39781B8005P810 Datasheet HTML 8Page - TDK Electronics B39781B8005P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
February 06, 2014
B8005
782.0 / 751.0 MHz
SAW Components
SAW Duplexer
DataSheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 17 nH
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
782.0
MHz
Maximum insertion attenuation
α
max
777.0
...
787.0
MHz
-
1.9
2.5
dB
Amplitude ripple (p-p)
∆α
777.0
...
787.0
MHz
-
0.6
1.5
dB
Error Vector Magnitude
EVM1)
1) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141
@fcarrier 779.5 ...
784.5
MHz
-
2.2
3.0
%
Input VSWR (ANT port)
777.0
...
787.0
MHz
-
1.5
1.8
Output VSWR (RX port)
777.0
...
787.0
MHz
-
1.6
1.8
Attenuation
α
10.0
...
150.0
MHz
40
55
-
dB
150.0
...
350.0
MHz
35
45
-
dB
350.0
...
650.0
MHz
30
37
-
dB
728.0
...
746.0
MHz
35
50
-
dB
746.0
...
756.0
MHz
50
57
-
dB
758.0
...
768.0
MHz
28
30
-
dB
808.0
...
818.0
MHz
35
47
-
dB
859.0
...
894.0
MHz
35
45
-
dB
1452.0
... 1492.0
MHz
40
52
-
dB
1554.0
... 1574.0
MHz
40
52
-
dB
1574.0
... 1606.0
MHz
45
52
-
dB
1670.0
... 1675.0
MHz
40
50
-
dB
1930.0
... 1995.0
MHz
40
48
-
dB
2110.0
... 2170.0
MHz
40
49
-
dB
2300.0
... 2361.0
MHz
28
33
-
dB
2361.0
... 2690.0
MHz
30
42
-
dB
3300.0
... 3800.0
MHz
15
22
-
dB
5150.0
... 5850.0
MHz
5
12
-
dB


Similar Part No. - B39781B8005P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39781B8006P810 TDK-B39781B8006P810 Datasheet
223Kb / 12P
   SAW Components SAW Duplexer for Smallcell
More results

Similar Description - B39781B8005P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39741B8017P810 TDK-B39741B8017P810 Datasheet
226Kb / 12P
   SAW Components SAW Duplexer for Smallcell
B39212B8092P810 TDK-B39212B8092P810 Datasheet
243Kb / 12P
   SAW Components SAW Duplexer for Smallcell
B39781B8006P810 TDK-B39781B8006P810 Datasheet
223Kb / 12P
   SAW Components SAW Duplexer for Smallcell
B39182B8018P810 TDK-B39182B8018P810 Datasheet
237Kb / 12P
   SAW Duplexer for Smallcell
B39182B8019P810 TDK-B39182B8019P810 Datasheet
236Kb / 12P
   SAW Duplexer for Femtocell and Smallcell
B39781B7940P810 TDK-B39781B7940P810 Datasheet
218Kb / 12P
   SAW Components SAW Duplexer for femtocell
B39212B8094P810 TDK-B39212B8094P810 Datasheet
251Kb / 12P
   SAW Components SAW Duplexer for Femtocell
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
   SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
   SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
   SAW Components SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com