Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

178021501 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 178021501
Description  Variable Step Down Regulator Module
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

178021501 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  178021501 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
we-online.com
© May 2016
Würth Elektronik eiSos GmbH & Co. KG - Data Sheet - REV 1.0
2/46
WPMDU1251501 / 171021501
MagI³C Power Module
VDRM - Variable Step Down Regulator Module
PACKAGE
PGND
40
VOUT
39
SW
41
SW
38
AGND
37
18 PGND
17 PGND
16 PGND
15 VOUT
14 VOUT
13 VOUT
12 VOUT
FB 6
PG 35
AGND 34
AGND 33
AGND 32
RT/CLK 31
INTRRT 30
Top view
PGND
40
VOUT
39
SW
41
SW
38
AGND
37
Bottom view
36 FB
35 PG
34 AGND
33 AGND
32 AGND
31 RT/CLK
30 INTRRT
PGND 18
PGND 17
PGND 16
VOUT 15
VOUT 14
VOUT 13
VOUT 12
PIN DESCRIPTION
SYMBOL
PIN
TYPE
PIN DESCRIPTION
VIN
26
Power
The supply input pin is a terminal for an unregulated input voltage source. It is
required to place the input capacitor nearby the VIN pin and PGND.
VOUT
10, 11, 12,
13, 14, 15,
39
Power
The output voltage pins are connected to the internal inductor. Connect external
bypass capacitors between these pins and PGND.
PGND
16, 17, 18,
19, 20, 40
Power
This is the return current path for the power stage of the device. Connect these pins
to the load and to the bypass capacitors associated with VIN and VOUT. Pad 40
should be connected to PCB ground planes using multiple vias for good thermal
performance.
AGND
4, 5, 32,
33, 34, 37
Supply
These pins are connected to the internal analog ground (AGND) of the device. This
node should be treated as the zero volt ground reference for the analog control
circuitry. Pad 37 should be connected to PCB ground planes using multiple vias for
good thermal performance. Not all pins are connected together internally. All pins
must be connected together externally with a copper plane. Connect AGND to PGND
at a single point (at the ground terminal of the first output capacitor). See Layout
section for recommendations.
RSET INT
1
Analog
An internal resistor of 10KΩ is connected internally between RSET INT and FB. This is
the low side resistor of the feedback voltage divider.
Must be connected to AGND.
FB
36
Input
Connect a resistor from the last output capacitor terminal to FB to set the output
voltage.


Similar Part No. - 178021501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178021501 WURTH-178021501 Datasheet
2Mb / 32P
   MagI쨀C Power Module Product Family VDRM - Variable Step Down Regulator Module
More results

Similar Description - 178021501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com