Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5262B Datasheet(PDF) 1 Page - Comchip Technology

Part # 1N5262B
Description  500mw Epitaxial Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N5262B Datasheet(HTML) 1 Page - Comchip Technology

  1N5262B Datasheet HTML 1Page - Comchip Technology 1N5262B Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5221B thru 1N5267B
Features
- 500mW Power Dissipation
- 2.4V - 75V Nominal Zener Voltage
- Low Noise
- Surface Mount Equivalents Available
- Hermetic Package
- VZ - Tolerance 5%
Mechanical Data
- Case: DO-35, Glass
- Terminals: Solderable per MIL-STD-202,
Method 208
- Polarity: Cathode Band
- Approx. Weight: 0.13 grams
500mw Epitaxial Zener Diode
500mw Epitaxial Zener Diode
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312004A
Page 1
Nominal Zener Voltage: 2.4 to 75V
Power Dissipation: 0.5W
DO-35 Glass
Dimensions in inches and (millimeters)
1.0 (25.4)
Min.
1.0 (25.4)
Min.
0.079 (2.0)
Max.
0.157 (4.0)
Max.
0.024 (0.60)
Max.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
300
°C/W
Forward Voltage
@ IF = 200mA
VF
1.1
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +200
°C
Notes:
1. Valid provided that leads are kept at TL
£75°C with lead length = 9.5mm (3/8”) from case; derate above 75°C.


Similar Part No. - 1N5262B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5262B NJSEMI-1N5262B Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Vishay Siliconix
1N5262B VISHAY-1N5262B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
1N5262B VISHAY-1N5262B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 06-May-13
logo
First Components Intern...
1N5262B FCI-1N5262B Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
logo
Nanjing International G...
1N5262B DGNJDZ-1N5262B Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - 1N5262B

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
   500mW EPITAXIAL ZENER DIODE
GDZJ2 DIOTECH-GDZJ2 Datasheet
1Mb / 5P
   500mW EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
TZX2V4 DIODES-TZX2V4 Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com