Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC446A8B Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC446A8B
Description  400MHz, 50mW Current-Feedback Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446A8B Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC446A8B Datasheet HTML 4Page - National Semiconductor (TI) CLC446A8B Datasheet HTML 5Page - National Semiconductor (TI) CLC446A8B Datasheet HTML 6Page - National Semiconductor (TI) CLC446A8B Datasheet HTML 7Page - National Semiconductor (TI) CLC446A8B Datasheet HTML 8Page - National Semiconductor (TI) CLC446A8B Datasheet HTML 9Page - National Semiconductor (TI) CLC446A8B Datasheet HTML 10Page - National Semiconductor (TI) CLC446A8B Datasheet HTML 11Page - National Semiconductor (TI) CLC446A8B Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
http://www.national.com
This page intentionally left blank.


Similar Part No. - CLC446A8B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
CLC449AJE NSC-CLC449AJE Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
CLC449AJP NSC-CLC449AJP Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
CLC449AMC NSC-CLC449AMC Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
More results

Similar Description - CLC446A8B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
AD846 AD-AD846_15 Datasheet
311Kb / 12P
   450 V/ms, Precision, Current-Feedback Op Amp
REV. B
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com