Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3H60113G00MTR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3H60113G00MTR2G
Description  3.3 V / 2.5 V Programmable OmniClock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H60113G00MTR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NB3H60113G00MTR2G Datasheet HTML 1Page - ON Semiconductor NB3H60113G00MTR2G Datasheet HTML 2Page - ON Semiconductor NB3H60113G00MTR2G Datasheet HTML 3Page - ON Semiconductor NB3H60113G00MTR2G Datasheet HTML 4Page - ON Semiconductor NB3H60113G00MTR2G Datasheet HTML 5Page - ON Semiconductor NB3H60113G00MTR2G Datasheet HTML 6Page - ON Semiconductor NB3H60113G00MTR2G Datasheet HTML 7Page - ON Semiconductor NB3H60113G00MTR2G Datasheet HTML 8Page - ON Semiconductor NB3H60113G00MTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NB3H60113G
www.onsemi.com
2
BLOCK DIAGRAM
Clock Buffer/
Crystal
Oscillator and
Phase
Detector
Charge
Pump
VCO
CMOS /
Diff
buffer
CMOS/
Diff
buffer
Feedback
Divider
XIN/CLKIN
XOUT
Crystal
CLK1
CLK2
CLK0
VDD
GND
Output
Divider
Output
Divider
Output
Divider
Configuration
Memory
PLL Block
Frequency
and SS
PD#
Output control
Crystal/Clock Control
PLL Bypass Mode
Figure 1. Simplified Block Diagram
AGC
CMOS
buffer
Notes:
1. CLK0 and CLK1 can be configured to be one of LVPECL, LVDS, HCSL or CML output, or two single−ended LVCMOS/ LVTTL outputs.
2. Dotted lines are the programmable control signals to internal IC blocks.
3. PD# has internal pull down resistor.
PIN FUNCTION DESCRIPTION
NB3H60113G
3
4
1
2
6
5
8
7
XIN/CLKIN
XOUT
PD#
GND
CLK0
CLK1
VDD
CLK2
Figure 2. Pin Connections (Top View) – WDFN8


Similar Part No. - NB3H60113G00MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H60113GH2 ONSEMI-NB3H60113GH2 Datasheet
337Kb / 10P
   3.3 V OmniClock Generator with Single Ended LVCMOS Output
December, 2019 ??Rev. 0
NB3H60113GH2MTR2G ONSEMI-NB3H60113GH2MTR2G Datasheet
337Kb / 10P
   3.3 V OmniClock Generator with Single Ended LVCMOS Output
December, 2019 ??Rev. 0
NB3H60113GH3 ONSEMI-NB3H60113GH3 Datasheet
164Kb / 12P
   2.5 V Programmable OmniClock Generator with Differential LVDS Output
March, 2022 ??Rev. 0
NB3H60113GH3MTR2G ONSEMI-NB3H60113GH3MTR2G Datasheet
164Kb / 12P
   2.5 V Programmable OmniClock Generator with Differential LVDS Output
March, 2022 ??Rev. 0
More results

Similar Description - NB3H60113G00MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H63143G-D ONSEMI-NB3H63143G-D Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
NB3V60113G ONSEMI-NB3V60113G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H60113GH3 ONSEMI-NB3H60113GH3 Datasheet
164Kb / 12P
   2.5 V Programmable OmniClock Generator with Differential LVDS Output
March, 2022 ??Rev. 0
NB3H73113G ONSEMI-NB3H73113G Datasheet
303Kb / 24P
   Programmable OmniClock Generator
March, 2017 ??Rev. 0
NB3H60113GH2 ONSEMI-NB3H60113GH2 Datasheet
337Kb / 10P
   3.3 V OmniClock Generator with Single Ended LVCMOS Output
December, 2019 ??Rev. 0
NB3V60113GV3 ONSEMI-NB3V60113GV3 Datasheet
91Kb / 7P
   1.8 V 12.288 MHz OmniClock Generator
October, 2016 ??Rev. 0
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
Texas Instruments
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com