Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP43080DDR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP43080DDR2G
Description  Synchronous Rectifier Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP43080DDR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP43080DDR2G Datasheet HTML 7Page - ON Semiconductor NCP43080DDR2G Datasheet HTML 8Page - ON Semiconductor NCP43080DDR2G Datasheet HTML 9Page - ON Semiconductor NCP43080DDR2G Datasheet HTML 10Page - ON Semiconductor NCP43080DDR2G Datasheet HTML 11Page - ON Semiconductor NCP43080DDR2G Datasheet HTML 12Page - ON Semiconductor NCP43080DDR2G Datasheet HTML 13Page - ON Semiconductor NCP43080DDR2G Datasheet HTML 14Page - ON Semiconductor NCP43080DDR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
NCP43080
www.onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 20. CS Reset Threshold
Figure 21. CS Leakage, VCS = 150 V
VCC (V)
TJ (°C)
30
25
20
35
15
10
5
0
0.30
0.35
0.45
0.50
0.60
0.65
0.70
0.80
100
120
60
40
20
0
−20
−40
0
20
60
80
120
140
180
200
Figure 22. Propagation Delay from CS to DRV
Output On
Figure 23. Propagation Delay from CS to DRV
Output Off
TJ (°C)
TJ (°C)
100
80
60
40
20
0
−20
−40
20
25
30
35
40
50
55
60
100
80
60
40
20
0
−20
−40
4
6
10
12
16
18
22
24
0.40
0.55
0.75
80
40
100
160
120
45
120
8
14
20
TBD
Figure 24. Minimum On−time RMIN_TON = 0 W
Figure 25. Minimum On−time RMIN_TON = 10 kW
TJ (°C)
TJ (°C)
100
80
60
40
20
0
−20
−40
35
40
45
50
55
60
70
75
100
80
60
40
20
0
−20
−40
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.08
120
65
120
1.02


Similar Part No. - NCP43080DDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP4308ADR2G ONSEMI-NCP4308ADR2G Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP4308AMTTWG ONSEMI-NCP4308AMTTWG Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP4308DDR2G ONSEMI-NCP4308DDR2G Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP4308DMNTWG ONSEMI-NCP4308DMNTWG Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
More results

Similar Description - NCP43080DDR2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9291 EUTECH-EUP9291 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
logo
Texas Instruments
UCC24630 TI1-UCC24630 Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
logo
NXP Semiconductors
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com