Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE68 Datasheet(PDF) 5 Page - Comchip Technology

Part # 1.5KE68
Description  1500W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE68 Datasheet(HTML) 5 Page - Comchip Technology

  1.5KE68 Datasheet HTML 1Page - Comchip Technology 1.5KE68 Datasheet HTML 2Page - Comchip Technology 1.5KE68 Datasheet HTML 3Page - Comchip Technology 1.5KE68 Datasheet HTML 4Page - Comchip Technology 1.5KE68 Datasheet HTML 5Page - Comchip Technology 1.5KE68 Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UNIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
UNIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
IPP, PEAK PULSE CURRENT, AMPS
FIG. 9 - INCREMENTAL CLAMPING VOLTAGE CIRVE
BIDIRECTIONAL
100
20
10
2.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
FIG. 10 - INCREMENTAL CLMPING VOLTAGE CURVE
BIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10 1000 IMPULSE
VC=VC-V(BR)
WAVEFORM:
10 1000 IMPULSE
VC=VC-V(BR)
WAVEFORM:
10 1000 IMPULSE
VC=VC-V(BR)
WAVEFORM:
10 1000 IMPULSE
VC=VC-V(BR)
1.5KE200C
1.5KE200C
1.5KE200
1.5KE200
1.5KE75C
1.5KE75
1.5KE30C
1.5KE39C
1.5KE75C
1.5KE11C
1.5KE7.5C
1.5KE130
1.5KE130
1.5KE39
1.5KE39
1.5KE100
1.5KE33
1.5KE6.8
1.5KE6.8
1.5KE33
1.5KE9.1
1.5KE9.1
1.5KE18
1.5KE12
1.5KE75
1.5KE39C
1.5KE7.5C
1.5KE11C
1.5KE15C
1.5KE30C
1.5KE15C
Rating and Characteristic Curves (1.5KE6.8 THRU 1.5KE440CA)
1500W Transient Voltage Suppressor
1500W Transient Voltage Suppressor
www.comchiptech.com
COMCHIP
COMCHIP
MDS0305001A
Page5


Similar Part No. - 1.5KE68

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5KE68 DIOTEC-1.5KE68 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE68 TRSYS-1.5KE68 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
1.5KE68 CHENDA-1.5KE68 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE68 TSC-1.5KE68 Datasheet
113Kb / 3P
   Transient Voltage Suppressor Diodes
logo
Digitron Semiconductors
1.5KE68 DIGITRON-1.5KE68 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
More results

Similar Description - 1.5KE68

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com