Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203CNQ080R Datasheet(PDF) 2 Page - International Rectifier

Part # 203CNQ080R
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

203CNQ080R Datasheet(HTML) 2 Page - International Rectifier

  203CNQ080R Datasheet HTML 1Page - International Rectifier 203CNQ080R Datasheet HTML 2Page - International Rectifier 203CNQ080R Datasheet HTML 3Page - International Rectifier 203CNQ080R Datasheet HTML 4Page - International Rectifier 203CNQ080R Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
203CNQ...(R) Series
Bulletin PD-2.259 rev. E 07/01
www.irf.com
V
FM
Max. Forward Voltage Drop
0.86
V
@ 100A
(Per Leg) * See Fig. 1
(1)
1.03
V
@ 200A
0.70
V
@ 100A
0.84
V
@ 200A
I
RM
Max. Reverse Leakage Current
3
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
40
mA
T
J = 125 °C
VF(TO) Threshold Voltage
0.50
V
T
J = TJ max.
rt
Forward Slope Resistance
1.08
m
CT
Max. Junction Capacitance (Per Leg)
2,650
pF
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance (Per Leg)
7.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated VR)
I
F(AV) Max. Average Forward
(Per Leg)
100
A
50% duty cycle @ T
C = 137 °C, rectangular wave form
Current
* See Fig. 5
(Per Device)
200
I
FSM
Max. Peak One Cycle Non-Repetitive
16,000
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
2,100
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
15
mJ
T
J = 25 °C, IAS = 1 Amps, L = 30 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
1
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Part number
203CNQ080
203CNQ100
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
80
100
Voltage Ratings
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRMapplied
A
Parameters
203CNQ Units Conditions
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
Parameters
203CNQ Units Conditions
T
J
Max.JunctionTemperatureRange
-55 to 175
°C
Tstg Max.StorageTemperatureRange
-55 to 175
°C
R
thJC Max. Thermal Resistance Junction
0.40
°C/W DCoperation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
0.20
°C/W DCoperation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.10
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
79(2.80)
g (oz.)
T
Mounting Torque
Min.
24 (20)
Max.
35 (30)
Mounting Torque Center Hole Typ.
13.5(12)
TerminalTorque
Min.
35 (30)
Max.
46 (40)
Case Style
TO-244AB
Modified JEDEC
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
203CNQ Units Conditions


Similar Part No. - 203CNQ080R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
203CNQ080 MICROSEMI-203CNQ080 Datasheet
123Kb / 2P
   Schottky PowerMod
logo
Sangdest Microelectroni...
203CNQ080 SMC-203CNQ080 Datasheet
212Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 203CNQ080R

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com