Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1025 Datasheet(PDF) 2 Page - Cymbet Corporation

Part # AN-1025
Description  Using the EnerChip??in Pulse Current Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

AN-1025 Datasheet(HTML) 2 Page - Cymbet Corporation

  AN-1025 Datasheet HTML 1Page - Cymbet Corporation AN-1025 Datasheet HTML 2Page - Cymbet Corporation AN-1025 Datasheet HTML 3Page - Cymbet Corporation AN-1025 Datasheet HTML 4Page - Cymbet Corporation AN-1025 Datasheet HTML 5Page - Cymbet Corporation AN-1025 Datasheet HTML 6Page - Cymbet Corporation AN-1025 Datasheet HTML 7Page - Cymbet Corporation AN-1025 Datasheet HTML 8Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN-1025: Using the EnerChip™ in Pulse Current Applications
©2009 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Doc AN-72-1025 Rev03
Page 2 of 8
Figure 2. EnerChip Discharge Capacity at Various Discharge Rates.
Battery Capacity Ratings
The rated discharge capacity of a battery is specified at a particular discharge rate. As the discharge rate
increases, there is a reduction in the available discharge capacity. The term known as the C-rate, specifies
the current that a battery will deliver when discharged to 100% depth-of-discharge in a period of one hour.
Conversely, battery capacity can be specified at a particular C-rate. For example, a cell’s capacity might be
rated at a discharge rate of C/4, or 0.25C, which means that it will deliver its rated capacity when completely
discharged over a 4-hour period. A cell with a rating of 1 Ampere-hour at a C/4 rate would be completely
discharged in 4 hours at a constant current of 250mA. At a higher discharge current, the discharge capacity
would be less than that available at the lower rate. Some cells are rated at low discharge rates of C/100 or
less. C-rate terminology is also applied to the charging rate of a cell.
The rated capacity of an EnerChip solid state battery is largely retained over a range of C-rates, as shown in
Figure 2. This allows the cell to be used in a variety of applications without sacrificing much discharge capacity
as the load currents vary across applications or from one operating condition to another within an application.
Maintaining performance over a broad range of C-rates makes a cell well suited for pulse current applications.
The EnerChip also has a favorable charge rate, with 30 minutes being a typical time for the EnerChip to reach
80% of its rated capacity.


Similar Part No. - AN-1025

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-1025 FAIRCHILD-AN-1025 Datasheet
256Kb / 11P
   Maximum Power Enhancement Techniques for SuperSOTTM-3 Power MOSFETs
More results

Similar Description - AN-1025

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
AN-1058 CYMBET-AN-1058 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
AN-1050 CYMBET-AN-1050 Datasheet
1Mb / 6P
   Using the EnerChip Energy Harvesters with the TI LaunchPad
AN-1027 CYMBET-AN-1027 Datasheet
228Kb / 3P
   Ultra Low Power Microcontroller Backup Using the EnerChip
logo
STMicroelectronics
AN3306 STMICROELECTRONICS-AN3306 Datasheet
639Kb / 21P
   Current sensing in metering applications using
logo
Cymbet Corporation
AN-1052 CYMBET-AN-1052 Datasheet
971Kb / 10P
   Operating the EnerChip in High Temperature Environments
AN-1028 CYMBET-AN-1028 Datasheet
349Kb / 3P
   Ultra Low Power MSP430 Backup Using the EnerChip??CC
logo
Fairchild Semiconductor
AN-5025 FAIRCHILD-AN-5025 Datasheet
377Kb / 3P
   Applications Using the GTLP10B320
logo
Cymbet Corporation
AN-1059 CYMBET-AN-1059 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
logo
Silicon Laboratories
AN313 SILABS-AN313 Datasheet
120Kb / 6P
   USING THE Si3400 AND Si3401 IN HIGH POWER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com