Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1202 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1202
Description  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1202 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS1202 Datasheet HTML 1Page - Burr-Brown (TI) ADS1202 Datasheet HTML 2Page - Burr-Brown (TI) ADS1202 Datasheet HTML 3Page - Burr-Brown (TI) ADS1202 Datasheet HTML 4Page - Burr-Brown (TI) ADS1202 Datasheet HTML 5Page - Burr-Brown (TI) ADS1202 Datasheet HTML 6Page - Burr-Brown (TI) ADS1202 Datasheet HTML 7Page - Burr-Brown (TI) ADS1202 Datasheet HTML 8Page - Burr-Brown (TI) ADS1202 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ADS1202
SBAS275 – DECEMBER 2002
www.ti.com
DESCRIPTION
The ADS1202 is a precision, 80dB dynamic range, delta-
sigma (
∆∑) modulator operating from a single +5V supply.
The differential inputs are ideal for direct connections to
transducers or low-level signals. With the appropriate digital
filter and modulator rate, the device can be used to achieve
16-bit Analog-to-Digital (A/D) conversion with no missing
codes. Effective resolution of 12 bits can be maintained with
a digital filter bandwidth of 10kHz at a modulator rate of
10MHz. The ADS1202 is designed for use in medium reso-
lution measurement applications including current measure-
ments, smart transmitters, industrial process control, weigh
scales, chromatography, and portable instrumentation. It is
available in a TSSOP-8 package.
FEATURES
q 16-BIT RESOLUTION
q 13-BIT LINEARITY
q RESOLUTION/SPEED TRADE-OFF:
10-Bit Effective Resolution with 20
µs Signal
Delay (12-bit with 77
µs)
q
±250mV INPUT RANGE WITH SINGLE 5V SUPPLY
q 2% INTERNAL REFERENCE VOLTAGE
q 2% GAIN ERROR
q FLEXIBLE SERIAL INTERFACE WITH FOUR
DIFFERENT MODES
q IMPLEMENTED TWINNED BINARY CODING AS
SPLIT PHASE OR MANCHESTER CODING FOR
ONE LINE INTERFACING
q OPERATING TEMPERATURE RANGE:
–40
°C to +85°C
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002, Texas Instruments Incorporated
Motor Control Current Shunt
1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q MOTOR CONTROL
q CURRENT MEASUREMENT
q INDUSTRIAL PROCESS CONTROL
q INSTRUMENTATION
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q WEIGHT SCALES
q PRESSURE TRANSDUCERS
Buffer
Reference
Voltage
2.5V
2nd-Order
∆∑ Modulator
RC Oscillator
20MHz
Interface
Circuit
MDAT
MCLK
M0
M1
V
IN+
V
IN–
V
DD
GND


Similar Part No. - ADS1202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI-ADS1202 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI-ADS1202 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWR TI1-ADS1202IPWR Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results

Similar Description - ADS1202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com