Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C256-3PI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS24C256-3PI
Description  262,144-bit 2-WIRE SERIAL CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C256-3PI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS24C256-3PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C256-3PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C256-3PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C256-3PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C256-3PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C256-3PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C256-3PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C256-3PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C256-3PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
ADVANCEDINFORMATION
Rev. 00B
03/11/03
IS24C256
ISSI®
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
262,144-bit 2-WIRE SERIAL
CMOS EEPROM
FEATURES
• Organization:
– 32K-bit x 8-bit
• 64-Byte Page Write Buffer
• Two-Wire Serial Interface
– Bi-directional data transfer protocol
• Low Power CMOS Technology
– Active Current less than 3 mA (5V)
– Standby Current less than 6 µA (5V)
– Standby Current less than 2 µA (2.5V)
• Wide Voltage Operation
– IS24C256-2: Vcc = 1.8V to 5.5V
– IS24C256-3: Vcc = 2.5V to 5.5V
• 1 MHz (I2C
TM Protocol) Compatibility
ADVANCED INFORMATION
MARCH 2003
• Hardware Data Protection
– Write Protect pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• Self time Write cycle with auto clear
– 5 ms @ 5.0V
• High Reliability
– Endurance: 100,000 Cycles
– Data Retention: 40 Years
• Commercial and Industrial temperature ranges
8-pin PDIP, 8-pin SOIC, and 14-pin TSSOP
DESCRIPTION
The IS24C256 is an electrically erasable PROM device
that uses the standard 2-wire interface for
communications. The IS24C256 contains a memory
array of 256K-bits (32,768 x 8), and is further
subdivided into 512 pages of 64 bytes each for Page-
Write mode. This EEPROM is offered in wide operating
voltages of 1.8V to 5.5V (IS24C256-2) and 2.5V to 5.5V
(IS24C256-3) to be compatible with most application
voltages. ISSI designed the IS24C256 to be a low-cost
and low-power 2-wire EEPROM solution. The devices
are packaged in 8-pin PDIP, 8-pin SOIC, and 14-pin
TSSOP.
The IS24C256 maintains compatibility with the popular
2-wire bus protocol, so it is easy to design into
applications implementing this bus type. The simple
bus consists of the Serial Clock wire (SCL) and the
Serial Data wire (SDA). Using the bus, a Master device
such as a microcontroller is usually connected to one
or more Slave devices such as the IS24C256. The bit
stream over the SDA line includes a series of bytes,
which identifies a particular Slave device, an
instruction, an address within that Slave device, and a
series of data, if appropriate. The IS24C256 has a Write
Protect pin (WP) to allow blocking of any write
instruction transmitted over the bus.


Similar Part No. - IS24C256-3PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C256A ISSI-IS24C256A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256A-2GI ISSI-IS24C256A-2GI Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256A-2GLI ISSI-IS24C256A-2GLI Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256A-2PI ISSI-IS24C256A-2PI Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C256A-2PLI ISSI-IS24C256A-2PLI Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C256-3PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
   2-Wire 8912-Bit Serial CMOS EEPROM
logo
Integrated Silicon Solu...
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
   CMOS 2-WIRE SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C64 ISSI-IS24C64 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com